Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MV14T3AD-R

  • AI
    The **MV14T3AD-R** is a high-performance, differential output Crystal Oscillator (VCXO or XO depending on specific sub-configurations) designed for high-frequency stability and low phase noise. It is commonly utilized in telecommunications, networking, and high-speed data transmission systems. --- ### 1. Key Technical Specifications The following table outlines the core electronic characteristics typical of the MV14T3AD-R series: | Parameter | Specification | | :--- | :--- | | **Output Type** | LVDS (Low Voltage Differential Signaling) | | **Supply Voltage (Vcc)** | 3.3V (Typical) | | **Frequency Range** | Usually 100MHz to 200MHz (Specific to sub-model) | | **Package Size** | 5.0 x 3.2 mm (6-pad SMD) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Frequency Stability** | ±25ppm to ±50ppm | | **Phase Jitter** | < 1ps RMS (12kHz to 20MHz) | --- ### 2. Functional Electronic Components The device is an integrated module containing several critical electronic sections: #### A. Quartz Crystal Resonator The heart of the component is a precision-cut quartz crystal. This provides the fundamental mechanical vibration that dictates the frequency stability of the circuit. #### B. LVDS Driver IC Unlike standard CMOS oscillators, the MV14T3AD-R uses **LVDS** logic. * **Purpose:** To provide high-speed data transfer with low power consumption and high noise immunity. * **Mechanism:** It outputs two signals that are 180 degrees out of phase, allowing the receiver to cancel out common-mode noise. #### C. Internal Voltage Regulator/Filter To achieve ultra-low jitter, the internal circuitry often includes a small LDO (Low Dropout) regulator or a decoupling network to shield the crystal's oscillation from fluctuations in the external power supply. --- ### 3. Pin Configuration The physical interface consists of 6 pads arranged for surface-mount technology (SMT): | Pin Number | Function | Description | | :--- | :--- | :--- | | **1** | NC / VC | No Connect or Voltage Control (if VCXO variant) | | **2** | OE | Output Enable (High = Output active) | | **3** | GND | Ground Connection | | **4** | OUT | Positive Differential Output (+) | | **5** | OUTN | Negative Differential Output (-) | | **6** | Vcc | Supply Voltage (+3.3V) | --- ### 4. Application Use Cases Because of its differential signaling and low jitter, the MV14T3AD-R is found in: * **Optical Transceivers:** SFP, SFP+, and QSFP modules. * **Ethernet Switches:** Providing the clock source for 10G/40G/100G Ethernet PHYs. * **FPGA Clocking:** Serving as a stable reference clock for high-speed SerDes (Serializer/Deserializer) lanes.
    ✨ Follow-up Questions
    • ⤷ What is the difference between LVDS and LVPECL output types in oscillators?
    • ⤷ How does the 'Output Enable' pin affect power consumption?
    • ⤷ What are the soldering requirements for the 5.0x3.2mm SMD package?