MV14V1AD-R
AI

The **MV14V1AD-R** is a specific model of an **AC/DC Power Adapter**, typically manufactured by brands like **Acbel** or used as an OEM part for various consumer electronics (such as networking equipment, monitors, or printers).
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
## 1. Technical Specifications
This part functions as a switching mode power supply (SMPS). The following table outlines the typical electrical parameters for this model:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage** | 100 - 240V AC |
| **Input Frequency** | 50/60 Hz |
| **Output Voltage** | 14V DC |
| **Output Current** | 1.1A (1100mA) |
| **Total Power Output** | 15.4 Watts |
| **Polarity** | Center Positive (+) |
| **Efficiency Level** | Level V or VI (Energy Star compliant) |
---
## 2. Key Electronic Components
Internally, the MV14V1AD-R consists of several stages that convert high-voltage AC into stable low-voltage DC:
### A. Input Stage (EMI Filtering)
* **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC signal.
* **Bulk Capacitor:** Smooths the pulsating DC to a high-voltage DC bus (approx. 300-400V).
* **EMI Filter:** Inductors and X/Y capacitors to prevent electromagnetic interference from leaking back into the power grid.
### B. Switching Stage (PWM)
* **PWM Controller IC:** The "brain" of the unit that toggles the power MOSFET at high frequencies (usually 60kHz - 100kHz).
* **Switching Transformer:** Transfers energy from the primary side to the secondary side through electromagnetic induction.
### C. Output Stage (Rectification & Smoothing)
* **Schottky Diode:** Rectifies the high-frequency AC from the transformer back to DC.
* **Output Electrolytic Capacitors:** Filters the ripple to ensure a clean 14V output.
* **Optocoupler:** Provides feedback to the PWM controller to maintain a constant 14V even if the load changes.
---
## 3. Physical Attributes
* **Connector Type:** Usually a 5.5mm x 2.1mm or 5.5mm x 2.5mm Barrel Jack.
* **Housing:** High-impact, fire-retardant plastic.
* **Protection Circuits:**
* **OCP:** Over Current Protection.
* **OVP:** Over Voltage Protection.
* **SCP:** Short Circuit Protection.
---
## 4. Common Applications
Due to the specific **14V** output (which is less common than 12V or 19V), this adapter is frequently found in:
1. **Samsung LCD Monitors:** Many older Samsung displays require 14V power.
2. **Audio Equipment:** Certain portable speakers or mixers.
3. **Networking Hardware:** Specific hubs or routers requiring higher-than-average voltage for internal regulation.
- ⤷
What is the significance of the '-R' suffix in this part number?
- ⤷ Can I substitute a 12V or 15V adapter if I cannot find a 14V replacement?
- ⤷ What are the common failure symptoms for this specific power adapter?