Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MV14V3CG-R

  • AI
    The **MV14V3CG-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Varistor** (Voltage Dependent Resistor). These components are critical for protecting sensitive electronic circuits from high-voltage transients and Electrostatic Discharge (ESD). --- ## Technical Specifications Based on standard industry naming conventions for the MV series, here is a breakdown of the typical specifications for this part: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Multilayer Varistor (MLV) | | **Package Size** | 0603 (EIA) / 1608 (Metric) | | **Working Voltage (DC)** | ~14V | | **Clamping Voltage** | ~30V - 40V (at peak current) | | **Capacitance** | Low to Medium (depending on exact sub-series) | | **Operating Temperature** | -40°C to +85°C / +125°C | | **Termination** | RoHS Compliant / Lead-Free | --- ## Key Functions & Features ### 1. Overvoltage Protection The primary role of the MV14V3CG-R is to act as a "pressure relief valve" for electricity. When the voltage exceeds its threshold (around 14V DC), the resistance of the device drops drastically, shunting the excess energy to the ground and protecting downstream components. ### 2. Bidirectional Operation Unlike Zener diodes which are often polar, these varistors provide symmetrical protection, meaning they can clamp both positive and negative voltage spikes. ### 3. Multilayer Construction The "MV" prefix often denotes a multilayer structure. This allows for: * **Faster Response Times:** Sub-nanosecond response to transients. * **Higher Energy Density:** Capability to handle higher surge currents despite the small footprint. --- ## Common Applications The MV14V3CG-R is widely used in compact consumer electronics where space is limited but protection is vital: * **USB Port Protection:** Safeguarding data lines and power pins. * **Mobile Devices:** Protection for smartphones, tablets, and wearables. * **Low Voltage Data Lines:** Ensuring signal integrity in I2C, SPI, or RS-232 interfaces. * **Power Supply Decoupling:** Preventing noise and small surges from reaching ICs. --- ## Circuit Implementation In a typical circuit design, the varistor is placed in **parallel** with the load it is intended to protect. ``` [Power Source] --------+-------- [Protected IC] | [MV14V3CG-R] <-- Shunts surge to GND | [Ground] --------------+-------- [Ground] ```
    ✨ Follow-up Questions
    • ⤷ What is the peak surge current rating for the MV14V3CG-R?
    • ⤷ Can this varistor be used in AC power applications?
    • ⤷ How does its capacitance affect high-speed data signals?