Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MV16T1CG-R

  • AI
    The **MV16T1CG-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Quartz Crystal Oscillator**. It is primarily used in timing and frequency control circuits. --- ## 1. Technical Specifications Below are the general technical parameters associated with the MV16 series (specifically the 16MHz variants): | Parameter | Specification | | :--- | :--- | | **Nominal Frequency** | 16.000 MHz | | **Package Type** | SMD (Surface Mount Device) | | **Package Size** | Typically 3.2 x 2.5 mm or 2.0 x 1.6 mm (Series dependent) | | **Load Capacitance** | Generally 8pF to 12pF | | **Frequency Tolerance** | ±10 ppm to ±30 ppm | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **RoHS Status** | Compliant (Lead-Free) | --- ## 2. Key Components & Construction The "MV16" designation refers to the frequency (16MHz), while the suffix "T1CG-R" usually denotes the packaging style and specific electrical characteristics. ### A. Quartz Crystal Blank The heart of the component is a high-purity synthetic quartz wafer. It is cut at a specific angle (usually **AT-cut**) to ensure temperature stability and vibration at the exact 16MHz frequency. ### B. Ceramic Base & Metal Lid * **Base:** A multi-layer ceramic base provides insulation and structural integrity. * **Lid:** A metal cap is seam-sealed to the base in a vacuum or nitrogen-filled environment to prevent oxidation and aging of the quartz. ### C. Electrodes Gold or Silver electrodes are deposited onto the quartz surface to provide the electrical interface required for the Piezoelectric effect to occur. --- ## 3. Function and Circuit Application The MV16T1CG-R acts as the "heartbeat" for digital electronics. It provides a stable clock signal required for: 1. **Microcontrollers (MCUs):** Timing the execution of instructions. 2. **Communication Modules:** Synchronizing data transmission in Bluetooth or Wi-Fi chips. 3. **USB Controllers:** Managing high-speed data handshakes. ### Typical Wiring Diagram In a standard Pierce Oscillator circuit, the crystal is connected as follows: ```mermaid graph LR MCU_XTAL_IN --- C1(Load Cap 1) --- GND MCU_XTAL_IN --- Crystal[MV16T1CG-R] --- MCU_XTAL_OUT MCU_XTAL_OUT --- C2(Load Cap 2) --- GND ``` --- ## 4. Part Number Breakdown (General) * **MV:** Series identifier (Manufacturer specific, often denotes Miniature/Vertical). * **16:** 16.000 MHz Frequency. * **T1:** Often indicates the packaging (Tape and Reel, 1k or 3k units). * **CG:** Specific internal code for load capacitance and stability. * **-R:** Denotes RoHS compliance.
    ✨ Follow-up Questions
    • ⤷ What is the recommended load capacitance for the MV16T1CG-R to ensure frequency stability?
    • ⤷ Can this component be used in automotive applications
    • ⤷ or is it strictly for consumer electronics?
    • ⤷ What are the common alternatives if the MV16T1CG-R is out of stock?