MV16V3AG-R
AI

The **MV16V3AG-R** is a specific part number typically associated with **Aluminum Electrolytic Capacitors**, specifically those designed for Surface Mount (SMD) applications. These components are commonly used in power management, filtering, and decoupling within electronic circuits.
---
## 1. Technical Specifications
While specifications can vary slightly by manufacturer, the part number code generally translates to the following parameters:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Aluminum Electrolytic Capacitor |
| **Mounting Type** | SMD (Surface Mount Device) |
| **Capacitance** | Typically **3.3 µF** (indicated by "3" in specific series codes) |
| **Voltage Rating** | **16V** DC |
| **Tolerance** | ±20% (Standard) |
| **Temperature Range** | -40°C to +85°C (Standard) or +105°C (High Temp) |
---
## 2. Key Characteristics
* **Polarity:** These are polarized components. The negative terminal is usually marked with a black or colored bar on the top of the cylindrical "can."
* **Package Style:** Often referred to as a "V-Chip" construction. It features a flat plastic base for stable soldering onto PCBs.
* **Low ESR (Equivalent Series Resistance):** Many capacitors in this series are designed for low impedance to handle ripple current effectively.
---
## 3. Part Number Breakdown (Typical)
Manufacturers like **Nippon Chemi-Con** or **United Chemi-Con** use a specific nomenclature:
* **MV:** Series designation (often stands for a standard vertical chip series).
* **16V:** Rated working voltage.
* **3:** Indicates capacitance value (often a multiplier or direct value).
* **AG-R:** Packaging and finish code (RoHS compliance, tape and reel packaging).
---
## 4. Common Applications
Due to their compact size and voltage rating, these parts are found in:
1. **Consumer Electronics:** Smart TVs, game consoles, and audio equipment.
2. **DC-DC Converters:** Filtering noise from power supply lines.
3. **Telecommunications:** Modems, routers, and base station modules.
4. **Automotive:** Non-safety critical infotainment systems.
---
## 5. Handling and Soldering
* **Reflow Soldering:** These parts are designed for infrared or convection reflow soldering.
* **Shelf Life:** Aluminum electrolytic capacitors have a shelf life (usually 1-2 years) after which they may require "reforming" if they haven't been powered.
- ⤷
What is the exact capacitance value for the '3AG' suffix in this specific manufacturer's series?
- ⤷ Are there high-temperature versions of the MV series available for automotive use?
- ⤷ What are the physical dimensions (case size) for the MV16V3AG-R?