Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MV18T1CG-R

  • AI
    Based on its part number, the **MV18T1CG-R** typically refers to a specialized high-voltage or industrial-grade electronic component, often associated with vacuum contactors or high-power switching assemblies used in medium-voltage (MV) applications. --- ## 1. Component Overview This component is generally part of a vacuum interrupter or contactor assembly. These are designed to safely switch electrical power circuits on and off, specifically handling high currents and voltages that would cause massive arcing in standard air-based switches. ### Key Specifications (Typical) | Feature | Description | | :--- | :--- | | **Component Type** | Vacuum Contactor / High-Voltage Switch | | **Rated Voltage** | Typically 7.2kV to 12kV (Medium Voltage) | | **Rated Current** | 160A to 400A (depending on configuration) | | **Enclosure** | Ceramic or glass insulation | | **Contact Material** | Copper-Chromium (CuCr) for low erosion | --- ## 2. Main Electronic/Physical Parts The assembly consists of several critical sub-components that work together to manage electrical energy: ### A. Vacuum Interrupter (The Core) * **Vacuum Chamber:** A hermetically sealed ceramic cylinder where the vacuum is maintained ($10^{-4}$ to $10^{-8}$ Pa). * **Fixed and Moving Contacts:** High-purity metal contacts that touch to complete the circuit. * **Bellows:** A flexible stainless steel component that allows the moving contact to travel without breaking the vacuum seal. ### B. Actuation Mechanism * **Electromagnetic Coil:** The "electronic" trigger that creates a magnetic field to pull the contacts together. * **Auxiliary Switches:** Low-voltage signal switches that tell a control system (PLC) whether the contactor is currently Open or Closed. ### C. Protection Elements * **Shielding:** Internal metallic shields protect the ceramic walls from metal vapor deposits during high-current switching. * **Surge Suppressor (Optional):** Often paired with a Resistor-Capacitor (RC) circuit to prevent voltage spikes when the vacuum interrupter opens. --- ## 3. Operating Principle 1. **Command:** A low-voltage signal (24VDC or 110/220VAC) is sent to the control coil. 2. **Activation:** The electromagnetic force overcomes the return spring, pushing the moving contact into the fixed contact. 3. **Extinction:** When the circuit is broken, any arc formed is rapidly extinguished because there are no gas molecules to sustain the plasma in the vacuum. --- ## 4. Maintenance and Safety * **Vacuum Integrity:** If the vacuum is lost, the device will fail to interrupt the arc, leading to catastrophic failure. * **Contact Wear:** The "R" in the suffix often indicates a specific revision or RoHS compliance, ensuring no hazardous substances like lead are used in the plating.
    ✨ Follow-up Questions
    • ⤷ What is the specific rated voltage for the MV18T1CG-R model?
    • ⤷ How do you test the vacuum integrity of this component?
    • ⤷ What are the common failure modes for medium voltage contactors?