MV18V3CD-R
AI

The **MV18V3CD-R** is a specific electronic component typically identified as a **Varistor** (Voltage Dependent Resistor) manufactured by companies like *Microchip* or *Maida*. These components are designed to protect sensitive electronic circuits against voltage surges and transients.
---
### 1. General Specifications
Based on the standard nomenclature for this part series, here are the technical characteristics:
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | MOV | Metal Oxide Varistor |
| **RMS Voltage** | 18V | Maximum continuous operating AC voltage |
| **DC Voltage** | 22V - 25V | Maximum continuous operating DC voltage |
| **Varistor Voltage** | ~33V | The voltage at which the device starts conducting |
| **Clamping Voltage** | ~50V - 60V | Peak voltage across the varistor during a surge |
| **Form Factor** | Radial Disc | Through-hole mounting style |
---
### 2. Key Electronic Functions
The MV18V3CD-R serves three primary roles in a circuit:
1. **Surge Suppression:** It acts as a high-impedance path during normal operation. When a voltage spike occurs (e.g., from a motor kickback or lightning), its resistance drops instantly, shunting the excess energy to the ground.
2. **Overvoltage Protection:** It prevents downstream components (like microcontrollers or capacitors) from being exposed to voltages higher than their breakdown rating.
3. **Transient Absorption:** It absorbs energy from fast-moving electromagnetic interference (EMI) pulses.
---
### 3. Physical Construction
* **Material:** Composed primarily of Zinc Oxide (ZnO) grains pressed into a ceramic mass.
* **Coating:** Usually encapsulated in a flame-retardant epoxy (often blue or red).
* **Leads:** Two copper wires for through-hole PCB assembly.
---
### 4. Typical Applications
Given its 18V rating, this specific part is commonly found in:
* **Automotive Electronics:** Protection for 12V battery systems.
* **Telecommunications:** Guarding low-voltage data lines.
* **Power Supplies:** Secondary stage protection for DC output rails.
* **Consumer Electronics:** Handheld devices and chargers.
- ⤷
How do I test if an MV18V3CD-R varistor has failed using a multimeter?
- ⤷ What is the difference between a varistor and a TVS diode?
- ⤷ Can this component be used in a 24V DC system?