MV21T3CG-R
AI

The **MV21T3CG-R** is a high-performance **Thin Film Transistor (TFT) Liquid Crystal Display (LCD)** module typically manufactured by companies like **BOE** (or similar display technology firms). It is widely used in industrial control systems, medical equipment, and high-end security monitors.
Below is a breakdown of its core electronic parts, technical specifications, and interface characteristics.
---
## 1. Core Technical Specifications
The electronics of this module are designed to drive a 21.5-inch widescreen display with high color accuracy.
| Feature | Specification |
| :--- | :--- |
| **Screen Size** | 21.5 inches (Diagonal) |
| **Resolution** | 1920 x 1080 (Full HD) |
| **Display Mode** | ADS (Advanced Super Dimension Switch) / IPS-like |
| **Luminance** | ~250 - 300 cd/m² |
| **Contrast Ratio** | 1000:1 (Typical) |
| **Backlight Type** | WLED (White Light Emitting Diode) |
| **Interface Type** | LVDS (Low Voltage Differential Signaling) |
---
## 2. Key Electronic Components
### A. The LCD Controller (Timing Controller / T-CON)
The T-CON board is the "brain" of the panel. It receives the **LVDS signal** from the host (computer/industrial PC) and converts it into the specific data signals needed for the Source and Gate drivers to manipulate pixels.
* **Function:** Controls the timing of row/column activation.
* **Voltage Support:** Typically operates on a 5.0V input power supply.
### B. Source and Gate Driver ICs
These are small integrated circuits bonded to the glass (COF - Chip on Film or COG - Chip on Glass).
* **Source Drivers:** Manage the grayscale/color voltages for each pixel.
* **Gate Drivers:** Control the "on/off" state of each row of pixels.
### C. Backlight Unit (BLU) & Inverter/Driver
The MV21T3CG-R uses an LED backlight string (WLED).
* **LED Driver:** Often integrated into the panel or requires an external constant-current driver.
* **Efficiency:** Designed for low power consumption compared to older CCFL (fluorescent) models.
### D. LVDS Interface
The electronic connection usually consists of a **30-pin connector**.
* **Data Channels:** 2-channel LVDS (8-bit) to handle the 1920x1080 bandwidth.
* **Signal Integrity:** Differential signaling is used to reduce EMI (Electromagnetic Interference) and allow for high-speed data transmission over a flexible cable.
---
## 3. Power Requirements
Electronic designers must provide stable power to avoid "flicker" or "ghosting":
* **VCC (Logic):** 5.0V (±10%)
* **Current Consumption:** Typically around 500mA - 800mA for logic.
* **Backlight Power:** Dependent on the specific driver circuit (usually 12V or 24V input converted to constant current).
---
## 4. Pin Assignment (Typical 30-Pin)
While you should always consult the specific datasheet, a standard LVDS 30-pin interface for this panel type follows this logic:
| Pin Number | Symbol | Description |
| :--- | :--- | :--- |
| 1-3 | VCC | +5V Power Supply |
| 4-7 | GND | Ground |
| 8-25 | RxIN / CLK | LVDS Differential Data/Clock Pairs |
| 26-30 | NC/GND | No connection or additional grounding |
---
### Application Summary
Because of its **ADS technology**, the electronic parts are tuned for **wide viewing angles (178°/178°)** and minimal color shifting, making it ideal for multi-monitor setups or professional medical imaging displays.
- ⤷
Can you provide the specific datasheet pinout for the MV21T3CG-R?
- ⤷ What are the compatible LED driver boards for this LCD panel?
- ⤷ How does ADS technology differ electronically from standard TN panels?