Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MV21V2CD-R

  • AI
    Based on the technical nomenclature, the **MV21V2CD-R** typically refers to a specific variant of a **Micro-Camera Module** or a **CMOS Image Sensor assembly**, often used in automotive, surveillance, or industrial imaging applications. Below is a breakdown of the electronic components and technical specifications associated with this type of module. --- ### 1. Core Electronic Components A module like the MV21V2CD-R is a complex assembly of several integrated circuits (ICs) and passive components: | Component Type | Function | Typical Specification | | :--- | :--- | :--- | | **CMOS Image Sensor** | Converts light into electronic signals. | 1/3" or 1/4" Sensor Format | | **ISP (Image Signal Processor)** | Handles auto-exposure, white balance, and noise reduction. | Integrated or discrete DSP | | **LDO Regulators** | Manages voltage levels (e.g., 3.3V to 1.8V/1.2V). | Low-noise linear regulators | | **Oscillator/Crystal** | Provides the clock signal for timing. | 24MHz or 27MHz typical | | **EEPROM/Flash** | Stores configuration settings and calibration data. | I2C compatible memory | --- ### 2. Technical Specifications These modules are designed for high-performance imaging in compact spaces. * **Resolution:** Often ranges from VGA (640x480) up to 720p/1080p depending on the specific revision. * **Interface:** Generally utilizes **MIPI CSI-2** (Mobile Industry Processor Interface) or **Parallel (DVP)** for data transmission. * **Voltage Supply:** Usually requires a dual or triple power supply (Analog 2.8V, Digital 1.2V, I/O 1.8V). * **Optical Format:** Fixed-focus lens assembly with an IR-cut filter. --- ### 3. Pinout and Connectivity Most modules in this series use a high-density FPC (Flexible Printed Circuit) connector. Common pins include: 1. **VDD / AVDD / DVDD:** Power rails for the digital and analog circuits. 2. **GND:** Common ground. 3. **SCL / SDA:** I2C bus for camera configuration (Control Interface). 4. **MCLK:** Master clock input from the host processor. 5. **PCLK / HSYNC / VSYNC:** Timing signals (for Parallel interface models). 6. **Data Lanes (D0-Dn):** Differential pairs for image data. --- ### 4. Typical Applications * **Automotive:** Backup cameras or Dashcam modules. * **Medical:** Endoscopic camera tips. * **IoT:** Smart doorbells and security scanners. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific pinout diagram for the MV21V2CD-R FPC connector?
    • ⤷ Does this module support MIPI CSI-2 or a Parallel interface?
    • ⤷ What is the maximum frames-per-second (FPS) supported by this sensor?