Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MV22T2AG-R

  • AI
    The **MV22T2AG-R** is a specific electronic component, typically categorized as a **VCO (Voltage Controlled Oscillator)** or a **TCXO (Temperature Compensated Crystal Oscillator)** module, often used in telecommunications and radio frequency (RF) applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Component Overview The MV22 series is generally produced by specialized frequency control manufacturers (such as Morion). These components are designed to provide a highly stable frequency reference even under varying environmental conditions. ### Technical Specifications Table | Feature | Typical Specification | | :--- | :--- | | **Component Type** | Precision Crystal Oscillator (OCXO/TCXO) | | **Frequency Stability** | High (often in the ppb or ppm range) | | **Output Type** | CMOS / Sine Wave (Model dependent) | | **Supply Voltage** | Usually 3.3V or 5.0V | | **Package Style** | Through-hole or SMD (Metal Can) | | **RoHS Status** | Compliant (indicated by the 'R' suffix) | --- ## 2. Key Electronic Parts & Construction Inside the MV22T2AG-R housing, several critical sub-components work together: 1. **Quartz Crystal Resonator:** The "heart" of the component, providing the fundamental vibration frequency. 2. **Varactor Diodes:** Used for voltage tuning, allowing the frequency to be shifted slightly via an external control voltage. 3. **Temperature Compensation Circuit:** A network of thermistors and resistors (or a digital ASIC) that adjusts the internal voltage to counteract frequency drift caused by heat. 4. **Buffer Amplifier:** An internal transistor-based circuit that strengthens the output signal and isolates the crystal from load variations. 5. **Voltage Regulator:** Ensures internal components receive a steady voltage despite noise on the external power line. --- ## 3. Pinout and Connectivity While pin configurations can vary by manufacturer, a standard 4-pin or 6-pin layout for this series usually follows this logic: ```text Pin 1: Control Voltage (Vc) - Adjusts the frequency Pin 2: Ground (GND) Pin 3: Output (RF Signal) Pin 4: Supply Voltage (Vcc) ``` --- ## 4. Typical Applications Due to its stability, the MV22T2AG-R is commonly found in: * **Base Stations:** For cellular synchronization (4G/5G). * **Test & Measurement:** Used in signal generators and frequency counters. * **Satellite Communications:** Providing stable local oscillator frequencies. * **Network Switches:** Ensuring precise timing for data packets.
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency range of the MV22T2AG-R model?
    • ⤷ How does an OCXO differ from a standard TCXO in terms of power consumption?
    • ⤷ Can you provide a circuit diagram for integrating this part into a PCB?