MV22T3AG-R
AI

The **MV22T3AG-R** is a high-performance **TFT LCD (Thin-Film Transistor Liquid Crystal Display) panel** primarily manufactured by BOE (Beijing Optoelectronics). This specific model is widely used in desktop monitors, industrial displays, and all-in-one PCs.
---
## 1. Core Technical Specifications
The electronic architecture of this panel is designed for high-speed signal processing and color accuracy.
| Feature | Specification |
| :--- | :--- |
| **Screen Size** | 21.5 inches |
| **Resolution** | 1920 x 1080 (Full HD) |
| **Interface Type** | LVDS (Low-Voltage Differential Signaling) |
| **Pixel Pitch** | 0.24795 × 0.24795 mm |
| **Color Depth** | 16.7M colors (6-bit + Hi-FRC) |
| **Backlight Unit** | WLED (White Light Emitting Diode) |
| **Surface Treatment** | Anti-glare (Haze 25%), Hard coating (3H) |
---
## 2. Major Electronic Subsystems
### A. The LVDS Interface
The panel utilizes an **LVDS (Low-Voltage Differential Signaling)** interface, typically a 30-pin connector.
- **Function:** This is the primary data highway that carries video signals from the monitor's mainboard to the T-CON board.
- **Benefits:** It reduces EMI (Electromagnetic Interference) and allows for high-speed data transmission with low power consumption.
### B. Timing Controller (T-CON) Board
The T-CON is the "brain" of the panel.
- It translates the LVDS input signals into specific row and column driver signals.
- It manages the timing of the liquid crystal switching to ensure the image refreshes correctly at 60Hz.
### C. Driver ICs (Gate and Source Drivers)
These are integrated circuits mounted on the edges of the glass (often using COF - Chip on Film technology).
- **Source Drivers:** Control the voltage levels for each pixel to determine the grayscale/color intensity.
- **Gate Drivers:** Control the "on/off" state of each row of pixels.
### D. Backlight Inverter/Driver
The MV22T3AG-R uses a **WLED string** for illumination.
- The electronic circuit includes a constant current LED driver to ensure uniform brightness across the screen and to allow for PWM (Pulse Width Modulation) dimming.
---
## 3. Signal Connector Pinout (Typical)
While specific revisions may vary, a standard 30-pin LVDS configuration for this class of BOE panel usually includes:
```markdown
1. Power Supply (VCC, usually 5.0V)
2. Ground (GND)
3. LVDS Differential Data Pairs (Even/Odd)
4. Clock Pairs (CLK+/-)
5. Backlight Control (Enable/Dimming)
```
---
## 4. Operational Requirements
To integrate or repair this part, the following electronic parameters must be met:
* **Input Voltage:** 5.0V (Typical) for the logic board.
* **Power Consumption:** Approximately 15W - 20W total (Logic + Backlight).
* **Signal Voltage:** LVDS standard (approx. 350mV differential).
- ⤷
What is the exact pinout for the 30-pin LVDS connector on the MV22T3AG-R?
- ⤷ Can this panel be replaced with a 21.5-inch IPS model using the same interface?
- ⤷ What are the common failure symptoms of the T-CON board in this specific model?