Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MV22V1CG-R

  • AI
    The **MV22V1CG-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Varistor**. It is primarily used for circuit protection against transient voltage surges (ESD protection). --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its electrical characteristics and physical dimensions. | Parameter | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Multilayer Varistor (MLV) | Provides bidirectional overvoltage protection. | | **Package Size** | 0402 (EIA) | Metric 1005 (1.0mm x 0.5mm). | | **Working Voltage** | 18V - 22V DC | The maximum continuous operating voltage. | | **Clamping Voltage** | ~40V - 55V | The voltage level at which the device limits the surge. | | **Capacitance** | Low Capacitance | Suitable for high-speed data lines. | | **Termination** | Nickel/Tin (Ni/Sn) | Standard RoHS compliant plating for soldering. | --- ### 2. Physical and Material Composition The MV22V1CG-R is constructed using high-reliability materials to handle repetitive voltage strikes without degradation. * **Material:** Zinc Oxide (ZnO) based ceramic. * **Electrode Structure:** Multilayer internal electrodes to increase energy density in a small footprint. * **Packaging:** Supplied on "Tape and Reel" (indicated by the **-R** suffix) for automated SMT assembly. --- ### 3. Core Functions The device operates as a voltage-dependent resistor with a symmetrical V-I characteristic: 1. **Standby Mode:** Under normal operating voltages, the device maintains high impedance, appearing as a small capacitor to the circuit. 2. **Clamping Mode:** When a transient surge (like static electricity) exceeds the "Varistor Voltage," the resistance drops instantly, shunting the excess current to ground. 3. **Reset:** Once the surge passes, the device automatically returns to its high-impedance state. --- ### 4. Typical Applications Due to its small 0402 size and specific voltage rating, it is commonly found in: * **Mobile Electronics:** Smartphones and tablets. * **I/O Ports:** USB 2.0/3.0, HDMI, and Audio Jack protection. * **Sensors:** Protecting sensitive analog inputs in automotive or industrial IoT devices. --- ### 5. Soldering Profile As an SMD component, it requires specific reflow parameters to prevent thermal shock: ```markdown Reflow Parameter | Value -----------------------|----------------------- Preheat Temp (Min) | 150°C Preheat Temp (Max) | 200°C Peak Temperature | 260°C (Max 10 sec) Cooling Rate | 3°C/sec (Max) ```
    ✨ Follow-up Questions
    • ⤷What is the maximum surge current rating for the MV22V1CG-R?
    • ⤷ Can this varistor be used for AC power line protection?
    • ⤷ How does the 'CG' suffix in the part number affect its capacitance rating?