AI

The **MV23V1AG-R** is a specialized electronic component, typically categorized as a **Varistor** (specifically a Metal Oxide Varistor or MOV) or a **Multilayer Varistor (MLV)** used primarily for circuit protection. These components are designed to protect sensitive electronics from voltage transients and electrostatic discharge (ESD).
### 1. Technical Specifications Overview
While specific data sheets can vary by manufacturer (often associated with brands like Amotech or similar specialized circuit protection firms), the typical characteristics for this part series are:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Multilayer Chip Varistor (MLV) |
| **Package Size** | Often 0201 or 0402 (SMD) |
| **Working Voltage** | Low voltage (typically < 25V DC) |
| **Response Time** | High speed (< 1ns) |
| **Capacitance** | Optimized for high-speed data lines (Low pF) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### 2. Core Functions
The MV23V1AG-R operates as a non-linear resistor:
1. **Standby Mode:** Under normal operating voltages, the part maintains high impedance, acting as an open circuit.
2. **Clamping Mode:** When a high-voltage spike (like ESD) occurs, the resistance drops instantly, shunting the excess energy to the ground.
3. **Recovery:** Once the spike passes, the component automatically returns to its high-impedance state.
---
### 3. Key Applications
Because of its small form factor and low capacitance, it is commonly found in:
* **Mobile Devices:** Protecting internal circuits in smartphones and tablets.
* **High-Speed Interfaces:** USB 2.0/3.0, HDMI, and DisplayPort lines where signal integrity is critical.
* **Wearable Tech:** IoT devices that are frequently exposed to human touch (ESD risk).
---
### 4. Part Number Breakdown (Typical)
While manufacturers use proprietary codes, the string usually indicates:
* **MV:** Multilayer Varistor.
* **23:** Potential series or size code.
* **V1:** Voltage rating indicator.
* **AG:** Material/Performance characteristic.
* **-R:** Indicates "RoHS Compliant" or "Tape & Reel" packaging.
---
- ⤷
What is the exact clamping voltage of the MV23V1AG-R?
- ⤷ Is this part compatible with automotive grade standards?
- ⤷ What are the recommended soldering profiles for this SMD component?