MV23V3AG-R
AI

The **MV23V3AG-R** is a specific model number typically associated with **LCD/LED Display Panels**, specifically manufactured by **BOE** (Beijing Optoelectronics). This particular model is an **23.8-inch Open Cell** or display module commonly used in desktop monitors and All-in-One (AiO) PCs.
Below is the technical breakdown of its electronic components and specifications.
---
## 1. Core Technical Specifications
The electronic performance of the MV23V3AG-R is defined by its display characteristics and power requirements.
| Feature | Specification |
| :--- | :--- |
| **Panel Size** | 23.8 Inches |
| **Resolution** | 1920 × 1080 (FHD) |
| **Display Mode** | ADS (Advanced Super Dimension Switch) - Similar to IPS |
| **Interface Type** | LVDS (Low-Voltage Differential Signaling) |
| **Signal Pins** | 30-pin Connector |
| **Input Voltage** | 5.0V (Typical) |
| **Refresh Rate** | 60Hz - 75Hz |
| **Backlight Unit** | WLED (White LED) |
---
## 2. Key Electronic Subsystems
### A. T-CON Board (Timing Controller)
The T-CON is the "brain" of the panel. For the MV23V3AG-R, the T-CON board processes the LVDS signals from the computer's motherboard and converts them into column and row driver signals for the pixels.
* **Voltage Rails:** Usually includes DC-DC converters to step down 5V to VGH, VGL, AVDD, and VCOM.
* **Gamma Correction:** Integrated ICs ensure accurate color reproduction across the 16.7M color depth.
### B. LVDS Interface
This model utilizes a **2-ch 8-bit LVDS interface**.
* **Data Transmission:** It uses differential pairs to minimize electromagnetic interference (EMI).
* **Connector:** Typically uses a 30-pin FFC (Flexible Flat Cable) or wire-to-board connector.
### C. Backlight Architecture (WLED)
The "R" suffix often denotes specific revisions of the backlight or compliance standards (e.g., RoHS).
* **Driver:** Requires an external or integrated LED Driver (Constant Current Inverter).
* **Connection:** The backlight is usually connected via a separate 6-pin or 10-pin high-voltage cable.
---
## 3. Physical & Environmental Attributes
| Attribute | Detail |
| :--- | :--- |
| **Surface Treatment** | Anti-Glare (Haze 25%), Hard coating (3H) |
| **Active Area** | 527.04 × 296.46 mm |
| **Operating Temp** | 0°C to 50°C |
| **Storage Temp** | -20°C to 60°C |
---
## 4. Common Applications
Due to its **ADS technology** (which provides wide viewing angles of 178°/178°), this part is found in:
1. **Consumer Monitors:** HP, Dell, and Lenovo entry-level 24-inch displays.
2. **Industrial Displays:** Digital signage and kiosks.
3. **Repair Parts:** Sold as a replacement "Open Cell" for broken screens.
- ⤷
What is the difference between ADS and IPS technology in these panels?
- ⤷ How do I identify the correct LVDS cable pinout for this specific BOE model?
- ⤷ Can this panel be upgraded to a higher refresh rate via the T-CON?