MV24T1CG-R
AI

The **MV24T1CG-R** is a specific technical part number typically associated with **Micro-Ohm** or similar manufacturers specializing in precision resistors. This specific component is a **Current Sense Resistor** (Shunt Resistor) designed for high-power management and current monitoring.
---
## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Metal Element Current Sense Resistor |
| **Resistance Value** | Typically 1mΩ (indicated by 'R' or specific code) |
| **Power Rating** | 3 Watts to 5 Watts (depending on mounting) |
| **Tolerance** | ±1% (Standard) |
| **Package / Case** | 2512 (Metric 6432) or specialized wide-terminal |
| **Temperature Coefficient** | ±50ppm/°C to ±100ppm/°C |
| **Operating Temp Range** | -55°C to +170°C |
---
## Key Features
### 1. Metal Plate Construction
Unlike standard thick-film resistors, the MV24 series uses a solid metal alloy as the resistive element. This provides:
* **Superior Thermal Stability:** Resistance remains stable even as the part heats up.
* **High Surge Tolerance:** Can handle short-term overcurrent conditions without failing.
### 2. Low Inductance
Because the part is constructed from a flat metal plate, its parasitic inductance is extremely low (typically < 5nH). This is critical for high-frequency switching power supplies where signal integrity is vital.
### 3. Kelvin (4-Terminal) Potential
While the physical part may be a 2-terminal SMD, its design is optimized for high-accuracy sensing by minimizing the effect of internal lead resistance.
---
## Common Applications
The MV24T1CG-R is primarily used in circuits where current needs to be measured and converted into a voltage signal for a microcontroller or PWM controller:
* **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion packs.
* **DC-DC Converters:** Providing feedback for current-mode control loops.
* **Motor Control:** Detecting phase currents to prevent stalls or overloads.
* **Automotive Electronics:** Power distribution modules and EV charging interfaces.
---
## Equivalent Parts Reference
If the MV24T1CG-R is unavailable, the following series often serve as direct functional equivalents:
* **Vishay:** WSL/WSLP Series
* **KOA Speer:** TLR Series
* **Samsung:** CS Series
- ⤷
What is the exact resistance value for the 'CG-R' suffix in this series?
- ⤷ How should I design the PCB pads to ensure the highest accuracy with this resistor?
- ⤷ Does this part meet AEC-Q200 standards for automotive use?