Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MV25V2AG-R

  • AI
    ## MV25V2AG-R: Component Overview The **MV25V2AG-R** is a specific part number belonging to the **Chip Aluminum Electrolytic Capacitor** category. It is designed for Surface Mount Technology (SMT/SMD) and is typically utilized in power management and filtering circuits where space-saving and reliability are critical. --- ### 1. Key Technical Specifications Based on the standard nomenclature for these types of capacitors (likely manufactured by brands like **Elna** or **United Chemi-Con**), the technical profile is as follows: | Parameter | Specification | | :--- | :--- | | **Capacitance** | Varies by series (often indicated in uF) | | **Voltage Rating** | 25V DC | | **Type** | Aluminum Electrolytic (Surface Mount) | | **Configuration** | Vertical Chip (V-Chip) | | **Tolerance** | ±20% (Standard) | | **Packaging** | Tape & Reel (indicated by the "-R") | | **Operating Temp** | -40°C to +105°C (Standard for high-reliability series) | --- ### 2. Part Number Breakdown The part number can be decoded to understand its physical and electrical properties: * **MV:** Often designates the **Series Name**. MV series capacitors are usually standard-purpose SMT electrolytic capacitors designed for a wide temperature range. * **25V:** Indicates the **Rated Working Voltage**. This part is rated for 25 Volts. * **2A:** Depending on the specific manufacturer's code, this often refers to the **Capacitance Code** (e.g., 2.2uF or 100uF depending on the multiplier digit). * **G:** Usually refers to the **Case Size** code (e.g., 4mm x 5.2mm or 5mm x 5.3mm). * **-R:** Indicates **RoHS Compliance** and/or **Tape & Reel** packaging for automated pick-and-place assembly. --- ### 3. Electronic Functions and Applications This component is used in electronic circuits for the following primary purposes: 1. **Decoupling:** Providing a local energy reservoir to prevent voltage drops near ICs. 2. **Filtering:** Smoothing out ripple voltage in DC-DC converters or power supplies. 3. **Coupling:** Allowing AC signals to pass while blocking DC components. **Common Applications:** * Automotive infotainment systems. * Industrial control boards. * Consumer electronics (LCD monitors, set-top boxes). * Telecommunication infrastructure. --- ### 4. Mounting and Handling | Aspect | Requirement | | :--- | :--- | | **Mounting Type** | Surface Mount (SMD) | | **Soldering** | Reflow soldering compatible (follow JEDEC standards) | | **Polarity** | **Polarized** (Must be oriented correctly; negative stripe on top) | ---
    ✨ Follow-up Questions
    • ⤷ What is the specific capacitance value for the '2A' code in this series?
    • ⤷ Can this capacitor be used in automotive applications requiring AEC-Q200 qualification?
    • ⤷ What are the physical dimensions associated with the 'G' case size code?