Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MV26T1AD-R

  • AI
    The **MV26T1AD-R** is a specialized high-definition LCD controller board (often referred to as an AD board or Monitor Mainboard). These boards are typically used in industrial monitors, signage displays, and medical imaging systems to convert various input signals into a format that a specific LCD panel can display. --- ## 1. Core Technical Specifications The electronics of the MV26T1AD-R are designed to handle signal processing, power management, and panel driving. | Feature | Description | | :--- | :--- | | **Interface Type** | Dual Channel LVDS (Low-Voltage Differential Signaling) | | **Max Resolution** | 1920 x 1080 (Full HD) @ 60Hz | | **Input Power** | Typically 12V DC | | **Panel Voltage** | Configurable (3.3V, 5V, or 12V) via Jumper settings | | **OSD Language** | Multi-language support (English, Chinese, French, etc.) | | **Audio Output** | Integrated amplifier for 2W x 2 (8Ω) speakers | --- ## 2. Key Electronic Components The board consists of several critical subsystems: ### A. The Scaler IC (System on Chip) The "brain" of the board. It handles: * **Analog-to-Digital Conversion:** Converting VGA signals to digital. * **Scaling:** Adjusting the input image size to fit the panel’s native resolution. * **Color Processing:** Managing brightness, contrast, and color temperature. ### B. Input/Output Ports Standard configurations usually include: 1. **VGA (D-Sub):** For analog PC signals. 2. **HDMI/DVI:** For digital high-definition signals. 3. **PC Audio In:** 3.5mm jack for sound input. 4. **DC Jack:** Power input (2.5mm or 2.1mm). ### C. Power Management Circuitry * **Buck Converters:** Step down the 12V input to 5V and 3.3V to power the Scaler IC and the logic of the LCD panel. * **LDO Regulators:** Provide stable, low-noise voltage for sensitive analog circuits. ### D. LVDS Connector A 30-pin or 40-pin header that sends the processed video data and clock signals directly to the LCD panel's T-CON (Timing Controller) board. --- ## 3. Connector Pinout Overview (Typical) While specific revisions may vary, the general pinout structure for the power and control headers is as follows: | Connector | Function | | :--- | :--- | | **CN1 (Power)** | 12V DC, GND | | **CN2 (Inverter/LED Driver)** | 12V, GND, EN (Enable), ADJ (Brightness Dimming) | | **CN3 (Keypad)** | Power Key, Menu, Up/Down, Auto, LED Indicator | | **CN4 (LVDS)** | Data Pairs (0+/-, 1+/-, 2+/-, 3+/-) and Clock Pairs | --- ## 4. Troubleshooting Common Issues * **No Display (Power LED On):** Check the Jumper setting for Panel Voltage. If the board is set to 3.3V but the panel requires 5V, it will not initialize. * **Garbage Screen/Lines:** Often caused by an incorrect LVDS cable or a mismatch between the firmware and the panel resolution. * **No Backlight:** Check the "ADJ" and "EN" pins on the Inverter/LED driver connector to ensure the board is sending the "Turn On" signal.
    ✨ Follow-up Questions
    • ⤷ What are the specific jumper settings for changing panel voltage on this board?
    • ⤷ Does the MV26T1AD-R support 4K input signals?
    • ⤷ Which specific Scaler IC model is used in the R revision of this board?