Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MV26T3CG-R

  • AI
    ## Overview of MV26T3CG-R The **MV26T3CG-R** is an industrial-grade **LCD Controller Board** (often referred to as an AD Board or Monitor Driver Board). It is designed to bridge the gap between digital video signals and an LCD/TFT display panel. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Main Chipset** | Realtek RTD series (typically RTD2270 or similar) | | **Input Interface** | VGA (D-Sub 15-pin) | | **Output Interface** | Single/Dual Link LVDS | | **Max Resolution** | Up to 1920 x 1080 @ 60Hz | | **Power Input** | +12V DC | | **Panel Voltage** | +3.3V / +5V / +12V (Jumper selectable) | --- ### 2. Core Electronic Components The board consists of several critical subsystems that manage power, signal processing, and backlight control: #### A. Main Processor (Scaler) The heart of the board is the **Realtek Scaler IC**. It performs the following functions: * **Analog-to-Digital Conversion:** Converts the VGA analog signal into digital data. * **Scaling:** Resizes the input image to fit the native resolution of the connected LCD panel. * **OSD Management:** Handles the On-Screen Display menu for brightness, contrast, and color settings. #### B. LVDS Interface * The **LVDS (Low-Voltage Differential Signaling)** connector is the output port to the screen. * It transmits high-speed pixel data while minimizing electromagnetic interference (EMI). #### C. Power Management Section * **Voltage Regulators:** Convert the 12V input into 5V, 3.3V, and 1.8V to power the chipset and the logic board of the LCD panel. * **Panel Power Jumper:** A physical pin header that allows the user to select the correct voltage for the specific LCD panel being used (preventing screen burnout). #### D. Inverter/LED Driver Interface * Provides the **Enable (ON/OFF)** signal and **Dimming (PWM/Analog)** control to the backlight driver (either CCFL inverter or LED driver). --- ### 3. Connection Layout Below is a typical pin-group description for this board: 1. **CN1 (VGA):** Standard 15-pin input for PC video signals. 2. **CN2 (Power In):** 4-pin or Barrel Jack for 12V DC input. 3. **CN3 (Inverter):** 6-pin connector for backlight control (VCC, GND, EN, ADJ). 4. **CN4 (Keypad):** Interface for the physical buttons (Power, Menu, Up, Down, Auto). 5. **CN5 (LVDS):** 30-pin or 20-pin header for data output to the panel. --- ### 4. Typical Applications * **Industrial Displays:** Used in CNC machines or medical monitors. * **DIY Projects:** Converting old laptop screens into standalone monitors. * **Kiosks:** Integration into self-service terminals.
    ✨ Follow-up Questions
    • ⤷ How do I configure the jumper settings for a 5V panel on this board?
    • ⤷ What is the specific pinout for the LVDS connector on the MV26T3CG-R?
    • ⤷ Can this board support HDMI input with an adapter?