MV28T2AG-R
AI

The **MV28T2AG-R** is a high-performance, industrial-grade **Crystal Oscillator (XO)**. It is specifically designed for applications requiring high stability and precision timing, often found in telecommunications, networking, and high-speed data transmission systems.
---
### 1. Technical Specifications
Below are the primary electronic characteristics typical for this series (specifically from manufacturers like Microchip/Vectron):
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Voltage Controlled / Temperature Compensated Crystal Oscillator |
| **Frequency Range** | Typically 10 MHz to 52 MHz (Commonly 20MHz/40MHz) |
| **Output Type** | CMOS / Clipped Sine Wave |
| **Supply Voltage (Vcc)** | 3.3V (standard) or 5.0V |
| **Package Size** | 5.0 x 3.2 mm (Surface Mount Device) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Frequency Stability** | ±0.5 ppm to ±2.5 ppm |
---
### 2. Core Electronic Components
The MV28T2AG-R consists of several internal sub-systems integrated into a single ceramic package:
* **Quartz Crystal Blank:** The heart of the component, precision-cut to vibrate at a specific resonant frequency.
* **Oscillator IC:** An Application-Specific Integrated Circuit (ASIC) that maintains the oscillation and handles the output buffering.
* **Temperature Compensation Circuit:** Uses a thermistor-based network or digital compensation to adjust the frequency as environmental temperatures change, ensuring high stability.
* **Varactor Diode (for VCXO variants):** Allows for slight tuning of the frequency via an external control voltage.
---
### 3. Pin Configuration (Typical)
Most oscillators in this 5x3.2mm footprint follow a standard 4-pin or 6-pin layout:
1. **Pin 1 (VC / NC):** Voltage Control (for tuning) or No Connection.
2. **Pin 2 (GND):** Case ground and circuit supply return.
3. **Pin 3 (Output):** The high-frequency clock signal output.
4. **Pin 4 (Vcc):** Positive power supply input.
---
### 4. Key Applications
* **Base Stations:** Used for synchronization in 4G/5G small cells.
* **GPS/GNSS:** Providing a stable reference clock for positioning modules.
* **Ethernet Switches:** Handling timing for high-speed packet switching.
* **Wi-Fi 6/7 Equipment:** Ensuring low jitter in wireless data transmission.
- ⤷
What is the exact frequency of your specific MV28T2AG-R unit?
- ⤷ How does frequency stability (ppm) impact signal integrity in high-speed circuits?
- ⤷ Can this part be used in automotive applications requiring AEC-Q100 certification?