Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MV28V1CG-R

  • AI
    The **MV28V1CG-R** is a specific surface-mount component, typically identified as a **Varistor** (Metal Oxide Varistor or MOV) manufactured by companies like **Microgate**. These components are designed to protect electronic circuits against voltage surges and Electrostatic Discharge (ESD) events. --- ### 1. Key Technical Specifications Below are the typical technical parameters associated with this part number: | Parameter | Specification | | :--- | :--- | | **Component Type** | Multilayer Varistor (MLV) | | **Package / Case** | 0402 (Standard SMD Metric: 1005) | | **Working Voltage (DC)** | 28V | | **Clamping Voltage** | ~50V - 60V (approximate) | | **Peak Surge Current** | 10A - 20A (model dependent) | | **Capacitance** | Low (typically <50pF for high-speed lines) | | **Operating Temp** | -55°C to +125°C | --- ### 2. Functional Description The MV28V1CG-R functions as a non-linear variable resistor. Its behavior can be summarized as follows: * **Normal Operation:** When the circuit voltage is below 28V, the device acts as a high-impedance (open) component, allowing signals to pass through normally. * **Surge Event:** If a voltage spike (like ESD) exceeds the breakdown threshold, the resistance drops instantly. * **Protection:** It shunts the excess energy to the ground, clamping the voltage to a safe level to prevent damage to sensitive ICs. --- ### 3. Application Use-Cases Due to its small form factor (0402) and 28V rating, it is commonly used in: * **Portable Electronics:** Smartphones, tablets, and wearables. * **Interface Protection:** USB ports, HDMI lines, and charging ports. * **DC Power Lines:** Protecting small DC motors or power rails from switching noise. --- ### 4. Circuit Symbol and Placement In a schematic, this part is represented as a bidirectional zener-like symbol. It should be placed as close as possible to the connector or the source of the potential ESD entry point. ```text (Input Signal) | |----------[ MV28V1CG-R ]---------- (Ground) | (Protected IC) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum energy dissipation rating for the MV28V1CG-R?
    • ⤷ Can this varistor be used for AC power line protection?
    • ⤷ What are the recommended soldering profiles for this 0402 component?