MV28V2AG-R
AI

## Electronic Overview of MV28V2AG-R
The **MV28V2AG-R** is a specific variant of a High-Definition (HD) camera module, frequently utilized in automotive systems (ADAS), surveillance, and industrial imaging. It is designed to interface with digital signal processors to provide high-quality video data.
---
### 1. Key Technical Specifications
The core electronic components and performance metrics are summarized in the table below:
| Feature | Specification |
| :--- | :--- |
| **Image Sensor** | CMOS Progressive Scan |
| **Resolution** | 2.0 Megapixels (Full HD 1080p) |
| **Frame Rate** | 30 / 60 fps (Depending on output mode) |
| **Output Interface** | LVDS / MIPI (Variant dependent) |
| **Operating Voltage** | 3.3V DC (Typical) |
| **Dynamic Range** | High Dynamic Range (HDR) Support |
| **Signal-to-Noise Ratio** | >50dB |
---
### 2. Functional Electronic Sections
#### A. The Image Sensor Core
The heart of the module is a **CMOS active-pixel sensor**. Unlike CCD sensors, this CMOS part integrates the photo-diode and the readout amplifier within each pixel, allowing for lower power consumption and faster data transfer.
#### B. Image Signal Processor (ISP)
The module typically includes an onboard ISP or is designed to pass raw data to an external ISP. It handles:
* **Auto-Exposure (AE)** and **Auto-White Balance (AWB)**.
* **Noise Reduction**: Reducing electronic "grain" in low-light conditions.
* **Lens Distortion Correction (LDC)**: Electronically flattening the image from wide-angle lenses.
#### C. Connectivity and Power
The "R" in the part number often signifies a specific connector orientation or a reinforced housing for rugged environments.
* **Data Bus**: Uses a differential signaling method (like LVDS) to minimize Electromagnetic Interference (EMI) over long cables.
* **Power Management**: Integrated LDO (Low Dropout) regulators ensure stable voltage to the sensor despite fluctuations in the main power supply.
---
### 3. Application Use-Cases
* **Automotive:** Rear-view cameras, surround-view systems, and lane departure warning sensors.
* **Security:** High-definition IP cameras with compact form factors.
* **Industrial:** Machine vision for assembly lines where space is restricted.
---
### 4. Implementation Example (Interface Logic)
When integrating this module with a microcontroller or FPGA, the pinout logic generally follows this structure:
```cpp
// Pseudocode for initializing the camera module clock
void init_camera_mv28v2ag() {
power_on(CAM_PIN_3V3); // Enable 3.3V Rail
reset_low(CAM_RESET_PIN); // Hardware Reset
delay_ms(10);
reset_high(CAM_RESET_PIN);
i2c_write(ADDR, REG_MODE, 0x01); // Set to 1080p Mode via I2C
}
```
- ⤷
What is the specific pinout configuration for the MV28V2AG-R connector?
- ⤷ Does this module support GMSL or FPD-Link protocols for automotive use?
- ⤷ What are the power consumption levels during 1080p at 60fps?