MV61V2AG-R
AI

The **MV61V2AG-R** is a specific part number typically associated with **Common Mode Chokes (Filters)**, often utilized in high-speed data line applications like HDMI, USB, and MIPI interfaces. These components are critical for suppressing Electromagnetic Interference (EMI) without degrading signal integrity.
---
### 1. Component Overview
The device is a surface-mount (SMD) magnetic component. Its primary function is to block high-frequency noise that is common to both signal lines (common mode) while allowing the actual data (differential mode) to pass through.
### 2. Technical Specifications
Below are the typical technical characteristics found in this series of components:
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Common Mode Choke / EMI Filter |
| **Impedance (@ 100MHz)** | 60 $\Omega$ to 90 $\Omega$ (varies by sub-type) |
| **DC Resistance (RDC)** | < 0.5 $\Omega$ |
| **Rated Current** | 100mA - 300mA |
| **Rated Voltage** | 5V - 20V DC |
| **Operating Temperature** | -40°C to +85°C |
| **Package Size** | 0605 or 0805 (Metric equivalent) |
---
### 3. Internal Structure and Working Principle
The part consists of two coils wound around a single ferrite core.
* **Common Mode Noise:** Noise traveling in the same direction on both lines creates magnetic fields that add up in the core, creating high impedance and "choking" the noise.
* **Differential Signal:** The data signals travel in opposite directions; their magnetic fields cancel out, allowing the signal to pass with minimal attenuation.
---
### 4. Typical Applications
The MV61V2AG-R is commonly found in the following electronic circuits:
1. **USB 2.0/3.0 Ports:** To prevent EMI radiation from high-speed data switching.
2. **HDMI/DisplayPort:** Maintaining signal purity for high-definition video.
3. **Mobile Devices:** Reducing noise in camera (MIPI) and LCD interfaces.
4. **CAN Bus:** Suppressing noise in automotive communication lines.
---
### 5. Circuit Symbol & Footprint
In a schematic, this part is represented by two inductors with a line or dot indicating the common core and polarity.
```text
Line 1 In o---( Coil 1 )---o Line 1 Out
Core
Line 2 In o---( Coil 2 )---o Line 2 Out
```
- ⤷
What is the difference between common mode and differential mode noise?
- ⤷ How do I select the correct impedance for a USB 3.0 filter?
- ⤷ Can this part be used for power supply filtering?