Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MV6300AGR

  • AI
    The **MV6300AGR** is a specific electronic component, primarily recognized as a **High-Intensity Red LED Indicator**. It is part of a series of solid-state lamps designed for status indication in various electronic circuits. Below is a detailed breakdown of its specifications and electronic characteristics. --- ### 1. General Specifications The MV6300AGR belongs to the T-1 (3mm) subminiature LED family. It is valued for its low power consumption and high reliability. | Parameter | Specification | | :--- | :--- | | **Component Type** | Light Emitting Diode (LED) | | **Color** | Red | | **Package / Case** | T-1 (3mm) | | **Lens Appearance** | Diffused | | **Mounting Type** | Through-Hole | --- ### 2. Electrical Characteristics These values are critical for designing the driver circuit (calculating the current-limiting resistor). | Characteristic | Typical Value | Maximum Rating | | :--- | :--- | :--- | | **Forward Current ($I_f$)** | 20 mA | 30 mA | | **Forward Voltage ($V_f$)** | 1.7 V | 2.0 V | | **Reverse Voltage ($V_r$)** | N/A | 5.0 V | | **Luminous Intensity** | 2.0 - 4.0 mcd | — | | **Peak Wavelength** | 635 nm - 660 nm | — | --- ### 3. Key Features * **High Efficiency:** Provides bright output at low current levels. * **Long Life:** Solid-state reliability ensures a much longer lifespan compared to incandescent bulbs. * **Versatility:** The diffused lens provides a wide viewing angle, making it ideal for front-panel indicators where visibility from the side is necessary. --- ### 4. Circuit Implementation To use the MV6300AGR safely in a DC circuit, a current-limiting resistor ($R$) must be used. You can calculate the required resistance using Ohm's Law: ```text R = (V_source - V_forward) / I_forward ``` **Example Calculation:** If using a 5V power supply: 1. $V_{source} = 5V$ 2. $V_f = 1.7V$ 3. $I_f = 0.02A$ (20mA) 4. $R = (5 - 1.7) / 0.02 = 165 \Omega$ (A standard 220Ω resistor is often used for safety). --- ### 5. Common Applications * **Consumer Electronics:** Power-on indicators for appliances. * **Industrial Boards:** Diagnostic status lights on PCBs. * **Telecommunications:** Signal activity indicators.
    ✨ Follow-up Questions
    • ⤷ What are the alternative color variants for the MV6300 series?
    • ⤷ How does the 'diffused' lens compare to a 'water clear' lens in terms of viewing angle?
    • ⤷ What is the maximum operating temperature for this LED?