MV63T1CG-R
AI

The **MV63T1CG-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Aluminum Electrolytic Capacitor**. These components are widely used in power management and signal filtering circuits due to their vertical chip (V-Chip) design.
---
### 1. Technical Specifications
Below are the typical technical parameters associated with this part number (often associated with manufacturers like Lelon or similar):
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Aluminum Electrolytic Capacitor |
| **Mounting Type** | Surface Mount (SMD / V-Chip) |
| **Capacitance** | Defined by the "63" or specific code (e.g., 6.3µF or 63µF depending on series) |
| **Voltage Rating** | 63V (indicated by "63") |
| **Tolerance** | ±20% (Standard) |
| **Temperature Range** | -40°C to +105°C (Standard industrial grade) |
| **Termination** | Lead-Free / RoHS Compliant |
---
### 2. Physical Construction
The MV63T1CG-R features a cylindrical aluminum metallic case seated on a plastic base (the "V-Chip" platform). This design allows for:
* **Pick-and-Place Compatibility:** Automated assembly on Printed Circuit Boards (PCBs).
* **Reflow Soldering:** Ability to withstand high-temperature soldering processes.
* **Polarity:** The top of the cylinder usually has a black or dark marking indicating the **Negative (-)** terminal.
---
### 3. Key Applications
Parts within this series are generally used for:
1. **DC-DC Converters:** Smoothing output voltage ripples.
2. **Power Supplies:** Input and output filtering in compact electronic devices.
3. **Bypass Circuits:** Diverting high-frequency noise to ground to protect sensitive ICs.
4. **Telecommunications:** Used in networking hardware due to its stable performance at 105°C.
---
### 4. Decoding the Part Number (General Breakdown)
While specific to the manufacturer's catalog, the nomenclature usually follows this logic:
* **MV:** Series name (often indicates "Medium Voltage" or a specific low-impedance series).
* **63:** Rated Voltage (63 Volts).
* **T1:** Packaging code (usually refers to Tape & Reel dimensions).
* **CG:** Case Size code (defines the diameter and height of the component).
* **R:** RoHS Compliance or Taping direction.
- ⤷
What is the exact capacitance value for the 'CG' case size in this series?
- ⤷ Are there low-ESR alternatives to the MV63T1CG-R for high-frequency applications?
- ⤷ What is the shelf life and soldering heat resistance for this V-Chip capacitor?