MV63V3AG-R
AI

The **MV63V3AG-R** is a specific part number typically associated with **Vertical Chip-Type Aluminum Electrolytic Capacitors**. These components are widely used in Surface Mount Technology (SMT) for power management and signal filtering.
---
### 1. Technical Specifications Breakdown
Based on standard industry nomenclature for this series, here is the technical breakdown:
| Parameter | Value / Description |
| :--- | :--- |
| **Capacitance** | Typically indicates a specific microfarad (µF) rating (check datasheet for exact scale) |
| **Voltage Rating** | **63V** (63 Volts DC) |
| **Mounting Type** | SMD / SMT (Surface Mount) |
| **Package Style** | V-Chip (Vertical cylindrical metal can) |
| **Tolerance** | Usually ±20% (Standard for electrolytic caps) |
| **Operating Temp** | Often -40°C to +105°C or +85°C depending on sub-series |
---
### 2. Physical Characteristics
As a "Chip-Type" capacitor, it features:
* **Cylindrical Aluminum Case:** Encased in a metal shell for heat dissipation and protection.
* **Plastic Base Plate:** Provides stability during the reflow soldering process.
* **Flat Terminals:** Solder pads located at the bottom for automated PCB assembly.
---
### 3. Key Functions in Circuitry
These parts are generally used for the following electronic purposes:
1. **Smoothing:** Reducing voltage ripple in DC-DC converters and power supplies.
2. **Decoupling:** Filtering out high-frequency noise from power lines to protect sensitive ICs.
3. **Energy Storage:** Providing a small reservoir of charge to handle transient current demands.
4. **Bypassing:** Diverting unwanted AC signals to the ground.
---
### 4. Comparison Table: Standard vs. High Reliability
| Feature | Standard MV Series | High Reliability (R-suffix) |
| :--- | :--- | :--- |
| **Lifetime** | 1,000 - 2,000 hours | Extended life (up to 5,000 hours) |
| **ESR** | Standard | Low ESR (Equivalent Series Resistance) |
| **Application** | Consumer Electronics | Industrial / Automotive |
---
### 5. Identification Code Logic
If you are reading the markings on the top of the capacitor, they usually follow this format:
```text
[63] <- Voltage (63V)
[XXX] <- Capacitance Code (e.g., 100 for 100µF)
[Lot] <- Manufacturer Batch Code
```
- ⤷What is the exact capacitance value for the MV63V3AG-R?
- ⤷ Is this component AEC-Q200 qualified for automotive use?
- ⤷ What are the physical dimensions (case size) for this part number?