MV64V3AG-R
AI

The **MV64V3AG-R** is a specific electronic component, typically categorized as a High-Intensity Green LED (Light Emitting Diode) in a standard T-1¾ (5mm) package. It is manufactured by Everlight Electronics (though part numbering can vary slightly across vendors).
### Technical Specifications
Below are the primary electrical and optical characteristics of the MV64V3AG-R:
| Parameter | Value |
| :--- | :--- |
| **Component Type** | LED (Through-hole) |
| **Color** | Green |
| **Lens Appearance** | Green Diffused |
| **Forward Voltage ($V_F$)** | 2.1V (Typical) / 2.8V (Max) |
| **Forward Current ($I_F$)** | 20mA (Standard Operating) |
| **Peak Wavelength** | 565 nm |
| **Luminous Intensity** | 10 - 20 mcd |
| **Viewing Angle** | 60° - 65° |
| **Package Size** | T-1¾ (5mm) |
---
### Core Characteristics
#### 1. Material Composition
This part usually utilizes **GaP (Gallium Phosphide)** on a GaP substrate. This chemistry is common for standard green LEDs, providing a reliable light source for status indicators rather than high-power illumination.
#### 2. Package Geometry
The "V" and "R" suffixes often refer to specific lead configurations or tape-and-reel packaging:
* **Standard Lead:** Two wire leads (Anode and Cathode) for through-hole PCB mounting.
* **Diffused Lens:** The green-tinted epoxy lens diffuses the light, making it visible from wide angles, which is ideal for indicator lamps on panels.
#### 3. Absolute Maximum Ratings
To ensure the longevity of the component, the following limits should not be exceeded:
* **Reverse Voltage:** 5.0V
* **Power Dissipation:** 100mW
* **Operating Temperature:** -40°C to +85°C
---
### Application Use Cases
* **Status Indicators:** Power-on lights for consumer electronics or industrial machinery.
* **Backlighting:** Simple illumination for switches or small icon panels.
* **Circuit Prototyping:** Often found in educational kits or breadboard projects due to its standard 5mm size.
- ⤷
What is the recommended resistor value for this LED using a 5V power supply?
- ⤷ Can this LED be dimmed using PWM (Pulse Width Modulation)?
- ⤷ What are the physical dimensions of a T-1¾ (5mm) LED package?