MV65T2AG-R
AI

The **MV65T2AG-R** is a high-performance, automotive-grade Silicon Carbide (SiC) Power MOSFET module typically manufactured by companies like STMicroelectronics (as part of their ACEPACK line) or similar specialized power semiconductor firms. It is designed for high-efficiency power conversion in electric vehicles (EVs).
---
### 1. Key Technical Specifications
Below are the typical parameters for this class of SiC MOSFET module:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Technology** | Silicon Carbide (SiC) |
| **Configuration** | Six-pack (3-Phase Bridge) |
| **Drain-Source Voltage ($V_{DSS}$)** | 650V to 1200V (depending on sub-series) |
| **Continuous Drain Current ($I_D$)** | ~100A to 200A |
| **On-Resistance ($R_{DS(on)}$)** | Low milliohm range (e.g., 5-15 mΩ) |
| **Package Type** | ACEPACK or similar high-density mold |
| **Qualification** | AEC-Q101 (Automotive Grade) |
---
### 2. Major Electronic Features
* **Silicon Carbide (SiC) Advantage:** Unlike standard Silicon (Si) IGBTs, SiC MOSFETs allow for much higher switching frequencies and significantly lower switching losses. This leads to smaller passive components (inductors/capacitors).
* **Integrated NTC Thermistor:** The module usually includes a built-in Negative Temperature Coefficient (NTC) sensor. This allows the system controller to monitor the internal junction temperature in real-time to prevent thermal runaway.
* **Low Parasitic Inductance:** The internal layout is optimized for low stray inductance, which is critical to reducing voltage spikes during high-speed switching.
* **High Thermal Conductivity:** Uses advanced substrate materials (like AlN or Al2O3) to ensure efficient heat transfer from the SiC dies to the cooling plate.
---
### 3. Circuit Application
The "Six-pack" configuration means this single module contains six MOSFETs organized into three half-bridges. This is the standard architecture for driving a 3-phase motor.
```cpp
// Example: Basic PWM Control Logic for an Inverter Bridge
void drivePhase(int phase, int dutyCycle) {
if (dutyCycle > 0) {
setHighSide(phase, ON);
setLowSide(phase, OFF);
} else {
setHighSide(phase, OFF);
setLowSide(phase, ON);
}
}
```
---
### 4. Primary Applications
1. **Traction Inverters:** The main component that converts DC battery power into AC to drive an EV's motor.
2. **On-Board Chargers (OBC):** High-speed AC-DC conversion for charging vehicle batteries.
3. **DC-DC Converters:** Stepping down high battery voltage (400V/800V) to low voltage (12V) for cabin electronics.
- ⤷
What are the cooling requirements for the MV65T2AG-R in a traction inverter?
- ⤷ How does the switching frequency of SiC compare to traditional IGBT modules?
- ⤷ What is the specific pinout configuration for the ACEPACK style housing?