MV68T3AG-R
AI

The **MV68T3AG-R** is a specialized electronic component, typically categorized as a **VCO (Voltage Controlled Oscillator)** or a high-frequency timing module often used in telecommunications and radio frequency (RF) applications.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Key Technical Specifications
The MV68T3AG-R is designed for precision frequency control. Its primary role is to convert a specific input voltage into a stable output frequency.
| Parameter | Typical Value / Description |
|:---|:---|
| **Component Type** | Voltage Controlled Oscillator (VCO) |
| **Package Type** | Surface Mount Device (SMD) |
| **Frequency Range** | High Frequency (VHF/UHF bands) |
| **Control Voltage** | Typically 0.5V to 5V DC |
| **Supply Voltage** | Usually 3.3V or 5V (model specific) |
| **Output Waveform** | Sinusoidal or Square Wave |
| **Application** | Synthesizers, PLL loops, Wireless Transceivers |
---
### 2. Functional Electronic Parts
Inside a module like the MV68T3AG-R, several electronic stages work together:
1. **Resonant Circuit (Tank Circuit):**
* Uses inductors and capacitors (LC circuit) to define the base frequency.
2. **Varactor Diode:**
* This is the "Control" element. As the input voltage changes, the capacitance of the varactor changes, which shifts the resonant frequency of the tank circuit.
3. **Active Gain Element:**
* A transistor (BJT or FET) that provides the necessary energy to maintain oscillations and prevent the signal from dying out.
4. **Buffer Amplifier:**
* An internal stage that isolates the oscillator from the output load, ensuring that external impedance changes do not cause "frequency pulling."
---
### 3. Pinout and Integration
While specific datasheets can vary by manufacturer (often associated with brands like **Murata** or specialized RF vendors), the standard pin configuration for such a module includes:
* **Vcc:** Power supply input.
* **GND:** Ground reference.
* **Vt (Vtune):** The tuning voltage input that dictates the frequency.
* **RF Out:** The high-frequency signal output.
---
### 4. Common Use Cases
* **Phase-Locked Loops (PLL):** Used as the local oscillator to lock onto a reference frequency.
* **Modulators:** Used in FM (Frequency Modulation) where the message signal is applied to the tuning pin.
* **Signal Generators:** Providing the clock source for high-speed data transmission.
- ⤷
What is the exact frequency range supported by the MV68T3AG-R?
- ⤷ Which manufacturers currently produce this specific part number?
- ⤷ How do I calculate the tuning sensitivity (MHz/V) for this VCO?