MV68V3CG-R
AI

### MV68V3CG-R Electronic Overview
The **MV68V3CG-R** is a specific part number typically associated with **SMD (Surface Mount Device) LEDs**, specifically categorized under high-efficiency, small-footprint optoelectronics. It is often manufactured by companies like **Everlight** or **Lite-On**, though the "MV" prefix is a common industry indicator for Miniature/AlGaAs (Aluminum Gallium Arsenide) technology.
---
### Technical Specifications
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Component Type** | SMD LED (Light Emitting Diode) |
| **Package Type** | 0603 (1608 Metric) |
| **Emitted Color** | Super Bright Red |
| **Material** | AlGaInP (Aluminum Gallium Indium Phosphide) |
| **Forward Voltage ($V_f$)** | 1.8V to 2.4V |
| **Luminous Intensity** | 30 - 80 mcd @ 20mA |
| **Viewing Angle** | 120° to 130° |
| **Wavelength** | ~630nm - 640nm (Dominant) |
---
### Key Internal Components
1. **Semiconductor Die:** The core "chip" made of AlGaInP. When current flows from the anode to the cathode, electrons recombine with holes, releasing energy in the form of red light.
2. **Epoxy/Resin Lens:** The "CG" in the suffix often denotes a **Water Clear** lens, allowing for maximum light transmission without diffusion.
3. **Lead Frame/Substrate:** A ceramic or PCB-based substrate that provides mechanical support and electrical connectivity.
4. **Gold Wire Bond:** A microscopic wire connecting the semiconductor die to the external electrodes.
---
### Circuit Integration
To use this component in a circuit, a current-limiting resistor is mandatory to prevent thermal runaway.
#### Example Calculation:
If using a 5V power supply:
```text
R = (V_source - V_forward) / I_forward
R = (5V - 2.0V) / 0.02A (20mA)
R = 150 Ohms
```
---
### Common Applications
* **Status Indicators:** Power LEDs on consumer electronics.
* **Backlighting:** Small LCD screens or button illumination.
* **Wearables:** Due to the compact 0603 footprint.
* **Automotive:** Dashboard indicators and instrument clusters.
- ⤷
What are the equivalent alternative part numbers for the MV68V3CG-R?
- ⤷ How does the 'CG' suffix affect the light output compared to a diffused lens?
- ⤷ What is the maximum peak forward current this LED can handle for pulsed operation?