MVH23V1CG-R
AI

The **MVH23V1CG-R** is a high-performance, automotive-grade MEMS (Micro-Electro-Mechanical Systems) pressure sensor, typically manufactured by suppliers like Mitsubishi Electric. It is specifically designed for harsh environments, such as fuel vapor pressure monitoring or air intake systems.
---
## 1. Technical Specifications
The device integrates a pressure-sensing element with a signal conditioning IC (ASIC) to provide a precise analog or digital output.
| Feature | Description |
| :--- | :--- |
| **Sensor Type** | Piezoresistive MEMS Pressure Sensor |
| **Application Type** | Gauge Pressure / Absolute Pressure |
| **Operating Voltage** | 4.5V to 5.5V (Standard 5.0V) |
| **Pressure Range** | Typically 0 to 100 kPa (varies by sub-model) |
| **Output Type** | Analog Voltage (Ratiometric) |
| **Operating Temp** | -40°C to +125°C |
| **Qualification** | AEC-Q100 (Automotive Grade) |
---
## 2. Key Internal Components
The MVH23V1CG-R consists of several critical electronic sub-systems:
### A. MEMS Diaphragm
* **Material:** Monocrystalline Silicon.
* **Function:** A thin membrane with implanted resistors (Wheatstone bridge). When pressure is applied, the membrane deforms, changing the resistance.
### B. ASIC (Signal Conditioner)
* **Amplification:** Boosts the millivolt signal from the MEMS bridge to a usable voltage level.
* **Temperature Compensation:** Corrects for errors caused by heat using internal thermal sensors.
* **Calibration:** Factory-trimmed using EPROM/OTP memory to ensure high accuracy without user calibration.
### C. Protection Circuitry
* **EMI/EMC Filtering:** Internal capacitors and resistors to protect against electromagnetic interference common in vehicles.
* **Overvoltage Protection:** Guards against battery surges.
---
## 3. Pinout and Integration
While specific physical footprints depend on the package (often a custom 3-pin or 4-pin plastic housing), the electrical interface generally follows this logic:
```c
// Typical Interface Logic
Pin 1: VCC (+5V Power Supply)
Pin 2: GND (Ground)
Pin 3: VOUT (Analog Output Signal)
Pin 4: NC/TEST (Usually not connected in application)
```
---
## 4. Typical Applications
* **EVAP Systems:** Monitoring fuel tank pressure to detect leaks (Evaporative Emission Control).
* **EGR Systems:** Measuring exhaust gas recirculation pressures.
* **Industrial Sensing:** Air pressure monitoring in ruggedized pneumatic systems.
- ⤷
What is the exact pressure range and sensitivity for the MVH23V1CG-R?
- ⤷ How does the ratiometric output behave if the supply voltage fluctuates?
- ⤷ Is there a digital communication version (I2C or SPI) of this sensor?