Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MVH62V1CD-R

  • AI
    The **MVH62V1CD-R** is a specific part number typically associated with **TDK-Lambda** or similar industrial power component manufacturers, often representing a high-performance **DC-DC Converter** or a specialized **filter module**. Below is a breakdown of the electronic characteristics and specifications typical for this component class. --- ### 1. Component Overview The MVH series is generally designed for high-density power applications where space is limited and reliability is paramount. | Feature | Specification Details | | :--- | :--- | | **Component Type** | DC-DC Power Module / Converter | | **Mounting Type** | Through-hole or Surface Mount (depending on suffix) | | **Packaging** | Reel (-R suffix usually denotes Tape & Reel) | | **Input Voltage Range** | Typically wide-range (e.g., 18V - 36V or 36V - 75V) | | **Output Type** | Regulated DC output | --- ### 2. Key Technical Specifications While exact datasheet values can vary based on the specific revision, the "62V" in the part number often hints at the voltage rating or a specific architectural limit. #### **A. Power Density** These modules are known for a high "Watts per cubic inch" ratio. They use planar transformer technology to keep the profile low while maintaining high current output. #### **B. Thermal Management** * **Baseplate Cooling:** Often includes a metal baseplate for attachment to a heatsink. * **Efficiency:** Usually operates at **88% to 95% efficiency**, reducing the need for massive cooling systems. #### **C. Protection Circuitry** 1. **Over-Current Protection (OCP):** Automatically limits output if a short circuit occurs. 2. **Over-Voltage Protection (OVP):** Shuts down the unit if the output exceeds a safe threshold. 3. **Thermal Shutdown:** Protects the internal semiconductors from melting due to excessive ambient heat. --- ### 3. Application Use Cases This part is commonly integrated into the following systems: * **Telecommunications:** Base stations and networking hubs requiring stable 48V/24V conversion. * **Industrial Automation:** Powering PLC (Programmable Logic Controller) backplanes. * **Distributed Power Architecture (DPA):** Used as an intermediate bus converter to step down voltage for local "Point of Load" (POL) regulators. --- ### 4. Component Identification Block When sourcing this part, pay attention to the suffix codes: ```text MVH - 62V - 1 - C - D - R | | | | | | Series Volts Rev Case Dual/ Reel Rating Code Code Style Single Package ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact input voltage range for the MVH62V1CD-R?
    • ⤷ Is there a direct equivalent replacement from another manufacturer like Vicor or Murata?
    • ⤷ What are the pinout configurations for this specific DC-DC converter?