Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MVH62V1CG-R

  • AI
    The **MVH62V1CG-R** is a specific part number typically associated with **Aluminum Electrolytic Capacitors**, specifically from the **MVH Series** manufactured by United Chemi-Con (Nippon Chemi-Con). These are designed for high-reliability applications, often within automotive or industrial environments. --- ### 1. Technical Specifications Below is a breakdown of the typical technical parameters for this component: | Parameter | Specification | | :--- | :--- | | **Capacitance** | 1.0 µF (Typical for the '1C' code) | | **Rated Voltage** | 50V - 63V (Varies by specific series revision) | | **Mounting Type** | Surface Mount (SMD) | | **Temperature Range** | -40°C to +125°C | | **Endurance** | 1,000 to 5,000 hours at 125°C | | **Series** | MVH (High Temperature, Low Impedance) | --- ### 2. Part Number Breakdown The nomenclature for these capacitors follows a specific logic: * **MVH:** Series Name (Vertical Chip Type, High Temperature). * **62V:** Refers to the physical dimensions/case size (e.g., 6.3mm diameter). * **1C:** Capacitance code (often indicating the multiplier and value). * **G:** Tolerance or specific package modification. * **-R:** Taping and Reeling (Packaging specification for automated assembly). --- ### 3. Key Features The MVH series is engineered for durability in harsh conditions: 1. **Low ESR/Impedance:** Designed to handle high ripple currents without significant heat buildup. 2. **AEC-Q200 Compliant:** Most parts in this series are qualified for automotive use, meaning they can withstand vibration and thermal shock. 3. **Reflow Soldering:** Designed to withstand the high temperatures of lead-free soldering processes. --- ### 4. Typical Applications These components are generally found in: * **Automotive Electronics:** ECUs (Engine Control Units), ADAS sensors, and lighting modules. * **Industrial Power Supplies:** DC/DC converters and voltage regulators. * **Telecommunications:** Base station power management where high-temperature stability is required. --- ### 5. Footprint Example In a PCB layout (EDA tool), the footprint would appear as a standard polarized SMD Al-Capacitor: ```markdown Polarity: Marked with a black bar on the top of the cylinder (Negative terminal). Terminals: Two flat metal pads on the bottom. ```
    ✨ Follow-up Questions
    • ⤷ What is the exact capacitance and voltage rating for the '1CG' suffix?
    • ⤷ Are there recommended substitutes with a higher ripple current rating?
    • ⤷ What is the shelf life of this capacitor in non-operating conditions?