MVH68V1AD-R
AI

The **MVH68V1AD-R** is a specific part number for a high-performance **Aluminum Electrolytic Capacitor** from the **MVH Series**, manufactured by **United Chemi-Con (UCC)**. These are designed for surface-mount (SMT) applications requiring high reliability and heat resistance.
---
## Technical Specifications
The alphanumeric code provides specific details about its electrical properties:
| Parameter | Specification |
| :--- | :--- |
| **Series** | MVH (High Temperature, Low Impedance) |
| **Capacitance** | 6.8 µF |
| **Voltage Rating** | 100V DC |
| **Tolerance** | ±20% (M) |
| **Temperature Range** | -40°C to +125°C |
| **Endurance** | 1,000 to 5,000 hours (depending on size/load) |
| **Mounting Type** | Surface Mount (SMD / V-Chip) |
---
## Key Features
### 1. High Temperature Tolerance
The MVH series is specifically engineered to operate at temperatures up to **125°C**. This makes it significantly more robust than standard 85°C or 105°C rated capacitors.
### 2. Low Impedance
These capacitors are "Low ESR" (Equivalent Series Resistance) parts. This allows them to handle high ripple currents and maintain stability in high-frequency switching circuits.
### 3. Vibration Resistance
The "-R" suffix often denotes specific packaging or structural reinforcements (Anti-Vibration base) designed to withstand mechanical stress in automotive or industrial environments.
---
## Common Applications
The MVH68V1AD-R is typically found in environments where heat and space-saving are critical factors:
* **Automotive Electronics:** Engine control units (ECUs), lighting systems, and sensors.
* **Power Supplies:** DC-DC converters and switching regulators.
* **Industrial Equipment:** High-density circuit boards requiring longevity under thermal stress.
* **Telecommunications:** Base station power modules.
---
## Comparison with Standard Capacitors
| Feature | Standard (General Purpose) | MVH68V1AD-R |
| :--- | :--- | :--- |
| **Max Temp** | 85°C - 105°C | 125°C |
| **ESR** | High | Low |
| **Longevity** | Low at high heat | High at high heat |
| **Application** | Consumer Electronics | Automotive/Industrial |
- ⤷
What is the significance of the 'V-Chip' design in SMD capacitors?
- ⤷ How does ripple current affect the lifespan of an MVH series capacitor?
- ⤷ Are there equivalent alternatives from other manufacturers like Nichicon or Panasonic?