MVI69-MNET
AI

## ProSoft Technology MVI69-MNET Technical Overview
The **MVI69-MNET** is a Modbus TCP/IP communication module designed specifically for the Rockwell Automation **CompactLogix** platform. It allows the PLC to act as a client (master) or a server (slave) on a Modbus TCP/IP network.
---
### 1. Hardware Specifications
The module is designed to sit directly in the CompactLogix I/O rack. Below are the core electronic and physical specifications:
| Feature | Specification |
| :--- | :--- |
| **Form Factor** | Single-slot CompactLogix (1769) module |
| **Backplane Current Load** | 800 mA @ 5 VDC |
| **Operating Temperature** | 0°C to 60°C (32°F to 140°F) |
| **Ethernet Port** | 10/100 Base-T RJ45 Connector |
| **Configuration Port** | CFG Port (Mini-DIN 8) for diagnostics/setup |
| **Isolation** | 1500V Ethernet Isolation |
---
### 2. Key Internal Components & Connectivity
The MVI69-MNET functions as a bridge between the backplane and the Ethernet network. Its electronic architecture focuses on three areas:
#### A. The Processor & Memory
* **Internal Database:** The module contains an internal database of **5,000 registers**. This acts as a buffer where data is swapped between the CompactLogix processor and the Modbus devices.
* **Flash Memory:** Used for storing configuration files (`MNET.CFG`) so that settings are retained after a power cycle.
#### B. Ethernet Interface
* The module utilizes a standard **RJ45 port** with auto-crossover detection.
* It supports up to **5 Client connections** and **up to 20 Server connections** simultaneously, allowing it to talk to many devices at once.
#### C. Backplane Interface
* The module communicates with the CompactLogix CPU via **Block Transfer** or **I/O Image**.
* It uses a "handshaking" mechanism to move data in chunks (usually 60 to 240 words per block) to ensure the PLC backplane isn't overwhelmed.
---
### 3. LED Status Indicators
The front panel includes several LEDs that indicate the status of the internal electronics and communication health:
1. **OK:** Green indicates the module is powered and the firmware is running correctly. Red indicates a hardware fault.
2. **ERR:** Flashes if there is a configuration error or communication timeout.
3. **LINK/ACT:** Indicates physical Ethernet connectivity and data traffic.
4. **MNET:** Flashes when Modbus TCP/IP messages are being processed.
---
### 4. Configuration and Data Mapping
The module is configured using a simple text file or via **ProSoft Configuration Builder (PCB)**. The electronic mapping follows this logic:
```csharp
[CompactLogix CPU] <--> [Backplane] <--> [MVI69 Database] <--> [Modbus TCP/IP]
```
* **Input Data:** Data coming from external Modbus devices into the PLC.
* **Output Data:** Data sent from the PLC to external Modbus devices.
---
- ⤷
How do I configure the IP address for the MVI69-MNET module?
- ⤷ What is the difference between MVI69-MNET and MVI69E-MNET?
- ⤷ How many Modbus commands can the module handle simultaneously?