Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MVIP202027AC

  • AI
    The **MVIP202027AC** is a specialized electronic component, typically categorized as a **Vibration Motor (or Actuator)** used in haptic feedback systems, specifically an **LRA (Linear Resonant Actuator)**. These parts are designed to create tactile sensations in handheld electronics. --- ## 1. Technical Specifications While specific datasheets can vary by manufacturer (often associated with brands like MinebeaMitsumi), the general characteristics for this series are: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Type** | Linear Resonant Actuator (LRA) | - | | **Operating Voltage** | 2.0 - 2.5 | Vrms | | **Resonant Frequency** | 150 - 235 | Hz | | **Input Current** | 70 - 100 | mA (Max) | | **Acceleration** | 1.0 - 2.0 | G | | **Impedance** | 10 - 30 | Ω | --- ## 2. Core Electronic Components The MVIP202027AC operates differently than standard DC motors. Its internal architecture consists of: ### A. The Voice Coil A small copper coil that receives an AC signal. Unlike a DC motor that spins, this coil generates a magnetic field that alternates direction rapidly. ### B. Moving Mass (Magnet) A permanent magnet suspended by springs. When the coil is energized, the magnetic force pushes and pulls this mass along a single axis (usually the Z-axis or X-axis). ### C. Spring System The "mechanical" electronic part. The spring constant determines the **Resonant Frequency**. The actuator is most efficient when the driving AC frequency matches the mechanical frequency of this spring-mass system. --- ## 3. Driving Circuitry To use the MVIP202027AC, you cannot simply apply a DC voltage. It requires a **Haptic Driver IC**. ### Sample Connection Logic ```cpp // Logic flow for driving an LRA via an I2C Haptic Driver 1. Controller (MCU) sends command via I2C. 2. Driver IC (e.g., TI DRV2605) generates AC Waveform. 3. Driver performs "Auto-Resonance Tracking" to match MVIP202027AC frequency. 4. Active Braking is applied to stop vibration instantly. ``` --- ## 4. Key Applications * **Smartphones:** Providing "click" sensations for virtual buttons. * **Wearables:** Discreet haptic alerts for notifications. * **Medical Devices:** Tactile confirmation for touch-sensitive control panels. * **Game Controllers:** High-definition rumble effects.
    ✨ Follow-up Questions
    • ⤷What is the difference between an LRA like the MVIP and a standard ERM motor?
    • ⤷ Which Haptic Driver ICs are compatible with the MVIP202027AC?
    • ⤷ How do you calculate the resonant frequency for this type of actuator?