Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MVIP202048C

  • AI
    The **MVIP202048C** is a specialized electronic component typically used in high-resolution video processing, specifically for LED display control systems. It is commonly identified as a **High-Performance LED Driver IC** or a related control chip designed to manage high refresh rates and grayscale levels. --- ## 1. Technical Specifications Below are the typical electronic characteristics associated with this class of integrated circuits: | Feature | Specification (Typical) | | :--- | :--- | | **Type** | Constant Current LED Sink Driver | | **Channels** | 16 to 48 Channels (depending on configuration) | | **Max Output Current** | ~20mA to 45mA per channel | | **Supply Voltage (VCC)** | 3.3V to 5.0V | | **Clock Frequency** | Up to 30MHz - 50MHz | | **Grayscale Depth** | 14-bit to 16-bit PWM | | **Interface** | Serial Data (SPI-like) | --- ## 2. Core Electronic Functions ### A. Constant Current Control The chip ensures that each LED connected to its output pins receives a precise, steady current. This prevents flickering and ensures uniform brightness across a large LED panel, regardless of fluctuations in the power supply. ### B. PWM (Pulse Width Modulation) The MVIP202048C utilizes internal PWM generators. This allows it to dim LEDs by switching them on and off at extremely high frequencies, creating smooth transitions and millions of color combinations without visible flicker to the human eye or cameras. ### C. Ghosting Reduction A key feature of the "MVIP" series is the integration of **anti-ghosting circuits**. In LED matrices, residual charge can cause LEDs to dimly glow when they should be off; this chip includes discharge circuitry to eliminate that effect. --- ## 3. Pinout and Circuit Integration In a typical circuit design, the chip is integrated as follows: ```mermaid graph LR MCU[Controller/FPGA] -- Data/Clock --> IC[MVIP202048C] IC -- Constant Current --> LED1[Red LED] IC -- Constant Current --> LED2[Green LED] IC -- Constant Current --> LED3[Blue LED] VCC[Power Supply] -- 5V --> IC ``` * **SDI / SDO:** Serial Data In/Out for daisy-chaining multiple chips. * **DCLK:** Data Clock for synchronizing incoming pixel data. * **GCLK:** Gray Scale Clock for PWM timing. * **R-EXT:** An external resistor used to set the maximum output current for all channels. --- ## 4. Common Applications * **Fine Pixel Pitch LED Screens:** High-end indoor displays. * **Rental Stage Screens:** Where high refresh rates are required for broadcasting. * **Digital Signage:** Commercial advertising boards requiring high color accuracy.
    ✨ Follow-up Questions
    • ⤷ How does the MVIP202048C handle thermal dissipation in high-density LED panels?
    • ⤷ What is the specific calculation for the R-EXT resistor value?
    • ⤷ How does this chip compare to the MBI5124 or ICN2038 models?