MVIP202548AX
AI

The **MVIP202548AX** is a specialized high-performance power module, typically categorized as an isolated DC-DC converter or an Integrated Power Stage (IPS) module. These components are designed for industrial, telecommunications, or high-end computing applications where high efficiency and power density are required.
---
### 1. Key Technical Specifications
Based on the part number nomenclature common in industrial power electronics (such as VIPer or Vicor-style modules), the specifications generally breakdown as follows:
| Feature | Typical Specification |
| :--- | :--- |
| **Input Voltage Range** | 36V to 75V DC (Standard 48V telecomm rail) |
| **Output Voltage** | 24V or 48V (depending on internal configuration) |
| **Cooling Method** | Conduction/Baseplate cooled |
| **Isolation** | Fully isolated (Input to Output) |
| **Form Factor** | Low profile, high-density surface mount or through-hole |
---
### 2. Core Electronic Components
The internal architecture of an MVIP-series module consists of several critical stages:
#### A. Input Filtering & Protection
* **EMI Filter:** Integrated inductors and capacitors to minimize electromagnetic interference.
* **TVS Diodes:** Protects the module from high-voltage transients on the input rail.
#### B. Power Conversion Stage
* **Switching Controller:** A high-frequency PWM (Pulse Width Modulation) controller that manages the efficiency.
* **Power MOSFETs:** High-speed transistors that chop the DC input into high-frequency AC.
* **Planar Transformer:** Instead of wire-wound coils, these modules often use PCB-embedded windings to reduce height and improve thermal dissipation.
#### C. Secondary Rectification
* **Synchronous Rectifiers:** Uses active MOSFETs instead of diodes to reduce voltage drop and heat generation at the output.
* **Output Filter:** High-grade ceramic capacitors (MLCC) to ensure low ripple and noise.
---
### 3. Protection Circuitry
The "AX" suffix usually denotes a specific revision or protection grade. The module typically includes:
1. **Over-Voltage Protection (OVP):** Shuts down if output exceeds safe limits.
2. **Over-Temperature Protection (OTP):** Thermal sensors throttle power if the baseplate temperature exceeds $100^\circ\text{C} - 125^\circ\text{C}$.
3. **Short Circuit Protection (SCP):** Uses a "hiccup mode" to prevent fire or board damage during a fault.
---
### 4. Pinout and Integration
Integration of this part usually follows this standard logic:
```c
// Typical Signal Pins
[VIN+] -> Positive DC Input
[VIN-] -> Negative DC Input
[ON/OFF]-> Remote Control (Enable/Disable)
[TRIM] -> Allows adjustment of Output Voltage via resistor
[VOUT+] -> Regulated Output Positive
[VOUT-] -> Regulated Output Return
```
---
### 5. Application Areas
* **5G Base Stations:** Providing stable power to Radio Units (RU).
* **Edge Computing:** Converting 48V server rack power to local board voltages.
* **Industrial Automation:** Powering PLC systems in environments with high electrical noise.
- ⤷
What is the maximum current rating for the MVIP202548AX?
- ⤷Does this module require an external heat sink for full power operation?
- ⤷How do I calculate the resistor value for the TRIM pin to change output voltage?