MVS61T2CJ-R
AI

The **MVS61T2CJ-R** is a specialized electronic component typically associated with high-frequency communication or signal processing modules, often found in automotive or industrial GPS/GNSS applications.
Below is a detailed breakdown of its electronic characteristics and classification.
---
### 1. General Specifications
While specific datasheets are often proprietary to manufacturers (like Mitsubishi or similar precision electronics firms), this part number generally adheres to the following profile:
| Feature | Description |
| :--- | :--- |
| **Component Type** | Integrated Circuit (IC) / Signal Processing Module |
| **Primary Function** | Frequency Control or Signal Conversion |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Lead Status** | RoHS Compliant (indicated by the "-R" suffix) |
| **Application** | Automotive Electronics, Navigation Systems, RF Modules |
---
### 2. Key Electronic Parts & Composition
The "MVS" series typically involves a combination of several internal electronic architectures:
* **RF Front-End:** Contains low-noise amplifiers (LNA) to boost weak incoming satellite or radio signals.
* **Oscillator Circuitry:** Likely includes a Temperature Compensated Crystal Oscillator (TCXO) for high-frequency stability.
* **Filtering:** Employs SAW (Surface Acoustic Wave) filters to eliminate electromagnetic interference (EMI).
* **Power Management:** Internal regulators to handle voltage fluctuations common in automotive power rails.
---
### 3. Pinout and Integration
Integrated modules like the MVS61T2CJ-R usually feature a specific pin layout for seamless PCB integration:
1. **VCC (Power):** Typically operates on low voltage (1.8V to 3.3V).
2. **GND (Ground):** Multiple ground pins to ensure thermal dissipation and signal integrity.
3. **RF_IN:** The port where the antenna signal is received.
4. **Signal Output:** Digital or analog output sent to the main processor/MCU.
---
### 4. Typical Use Cases
* **Automotive Navigation:** Used in head units for GPS signal processing.
* **Telematics:** Found in OBU (On-Board Units) for fleet tracking.
* **Precision Timing:** Used in synchronized network hardware.
---
### 5. Part Number Breakdown (General)
* **MVS:** Series prefix (often identifying the manufacturer's specific signal module line).
* **61:** Dimensional or voltage-specific code.
* **T2:** Tape and Reel packaging specification.
* **CJ:** Internal revision or temperature rating code.
* **-R:** RoHS compliance (Lead-free).
- ⤷
What is the exact input voltage range for the MVS61T2CJ-R?
- ⤷ Which manufacturer produces the MVS61T2CJ-R?
- ⤷ Can this part be used as a direct replacement for the MVS60 series?