MVS63T1CJ-R
AI

The **MVS63T1CJ-R** is a specific technical part number, typically associated with high-performance electronic components used in power distribution and industrial automation. Specifically, this part belongs to the **Schneider Electric MasterPact MVS** series of Air Circuit Breakers (ACBs).
---
## 1. Core Specifications
This component is designed to protect electrical systems from damage caused by overloads, short circuits, and equipment ground faults.
| Specification | Details |
| :--- | :--- |
| **Product Series** | MasterPact MVS |
| **Frame Size** | MVS08 to MVS40 (630A to 4000A) |
| **Current Rating (In)** | 630 Amperes |
| **Poles** | 3 Pole (3P) |
| **Breaking Capacity (Icu)** | 50kA or 65kA at 415V (Standard for the "T" range) |
| **Control Unit** | Integrated Trip Unit (ET) |
| **Mounting Type** | Draw-out or Fixed (Depending on specific suffix) |
---
## 2. Key Electronic Features
The electronic "intelligence" of the MVS63T1CJ-R is located in its **Micro-logic Trip Unit**. Unlike a simple fuse, these electronic parts provide precise control:
### A. Electronic Trip Unit (ET)
* **Protection Functions:** It provides LSIG protection (Long time, Short time, Instantaneous, and Ground fault).
* **True RMS Sensing:** The electronics measure the heat produced by the current, ensuring accurate tripping even in the presence of harmonics.
### B. Auxiliary Switches and Sensors
* **O/F Contacts:** Electronic signaling contacts that indicate if the breaker is Open or Closed.
* **SDE Contacts:** Fault-trip indication contacts that alert a remote monitoring system if the breaker tripped due to an electrical fault.
* **Current Transformers (CTs):** Internal sensors that step down the high current into a low-level signal for the electronic processor.
---
## 3. Component Breakdown (Internal)
| Component | Function |
| :--- | :--- |
| **Arc Chutes** | Dissipates the heat and energy when the contacts open under load. |
| **Main Contacts** | High-conductivity silver alloy plates that carry the 630A load. |
| **Charging Motor** | (Optional) Allows the breaker's spring mechanism to be charged remotely via an electrical signal. |
| **Shunt Trip (MX)** | An electronic coil that allows the breaker to be tripped remotely by a PLC or emergency stop. |
---
## 4. Application Areas
Because of its high current rating and electronic precision, the MVS63T1CJ-R is used in:
* **Main Low Voltage Distribution Boards (MLVDB)**.
* **Industrial Plants:** Protecting heavy machinery and motors.
* **Commercial Buildings:** Powering HVAC systems and large lighting grids.
* **Data Centers:** Where high reliability and fast trip times are required to protect servers.
- ⤷
What is the difference between the 3-pole and 4-pole versions of this breaker?
- ⤷ How do you calibrate the trip settings on the Micro-logic unit?
- ⤷ Can this breaker be integrated into a Modbus or Ethernet communication network?