MX2J10RE-R52
AI

The **MX2J10RE-R52** is a specific part number for a passive electronic component, typically identified as a **Metal Oxide Film Resistor**. This component is designed for high-stability applications and power handling in electronic circuits.
### Component Specifications
| Feature | Specification | Description |
| :--- | :--- | :--- |
| **Component Type** | Metal Oxide Film Resistor | Provides high heat resistance and stability. |
| **Resistance Value** | 10 $\Omega$ | Indicated by "10RE" (10 Ohms). |
| **Tolerance** | $\pm$5% | Indicated by the "J" code. |
| **Power Rating** | 2 Watts | Indicated by the "2" in the prefix (MX2). |
| **Packaging** | Tape & Reel / Ammo Pack | The "R52" refers to 52mm lead spacing/taping. |
---
### Key Characteristics
#### 1. Composition
Metal Oxide Film resistors are made by coating a ceramic rod with a thin layer of tin oxide (or other metal oxides). This construction allows the part to withstand higher temperatures and provide better surge handling than standard Carbon Film resistors.
#### 2. Thermal Stability
These parts are designed to operate safely at high ambient temperatures. They are often "Flameproof," meaning they will not catch fire even if severely overloaded; they are designed to open the circuit safely.
#### 3. Lead Spacing (R52)
The **R52** suffix is a standard industry designation indicating that the component is supplied on a tape where the distance between the two tapes (the width) is exactly **52mm**. This is standard for automated "cut and bend" insertion machines used in mass production.
---
### Common Applications
* **Power Supplies:** Used as a current limiting or "bleeder" resistor.
* **Audio Equipment:** Employed in output stages where high power dissipation is required.
* **Protective Circuits:** Used as a fuse-style resistor due to its flameproof coating.
* **Industrial Controls:** Integrated into circuits that experience high thermal cycles.
---
- ⤷What is the difference between Metal Oxide and Carbon Film resistors?
- ⤷ How do I interpret the power rating if the part is used in a high-temperature environment?
- ⤷ Does this resistor have an equivalent part number from other manufacturers like Yageo or Vishay?