MXAB-S2V1-R3
AI

The **MXAB-S2V1-R3** refers to a specific variation of the **Cherry MX Low Profile Speed** mechanical keyboard switch. This component is part of the Cherry MX low-profile series, designed for high-performance gaming and slim mechanical keyboards.
Below is a breakdown of its technical specifications and electronic properties.
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Mechanical (Low Profile) |
| **Switching Characteristic** | Linear (Smooth, no click) |
| **Actuation Force** | 45 cN (centinewtons) |
| **Pre-travel (Actuation point)** | 1.0 mm |
| **Total Travel** | 3.2 mm |
| **Durability** | > 100 Million keystrokes |
| **Contact Material** | Gold Crosspoint technology |
---
### 2. Key Electronic Components & Design
#### Gold Crosspoint Contact
The heart of the "R3" series is the gold crosspoint contact system. This involves two gold-plated triangular contacts that cross at right angles. This design ensures:
* **High Reliability:** Gold does not oxidize, maintaining low contact resistance over time.
* **Debounce Time:** Typically less than 1 ms, allowing for rapid signal processing by the keyboard controller.
#### PCB Mounting & Pinout
The MXAB-S2V1-R3 is designed for **SMT (Surface Mount Technology)**.
* **LED Compatibility:** It features a transparent housing designed to work with SMD LEDs mounted directly on the PCB.
* **Pins:** It typically features two metal pins for the electrical circuit and a central plastic "boss" for alignment on the PCB.
#### Low Profile Geometry
This part is ~35% shallower than standard Cherry MX switches.
* **Height:** 11.9 mm (vs. 18.5 mm for standard MX).
* **Efficiency:** The reduced travel distance (1.0 mm actuation) makes it an "electronic speed" switch, reducing the latency between the physical press and the electrical signal transmission.
---
### 3. Part Number Decoder (MXAB-S2V1-R3)
| Segment | Meaning |
| :--- | :--- |
| **MX** | Product Family (Cherry MX) |
| **A** | Low Profile Generation |
| **B** | Linear switching characteristic |
| **S** | "Speed" variation (1.0 mm actuation) |
| **2V1** | Specific manufacturing/packaging revision |
| **R3** | Refined version (usually indicating the 100-million-click durability update) |
---
- ⤷
What are the differences between the MX Low Profile Speed and the MX Low Profile Red?
- ⤷ How do I solder the MXAB-S2V1-R3 onto a custom PCB?
- ⤷ Are these switches hot-swappable with standard Cherry MX sockets?