MXAP-S3F-R3/Q
AI

Based on the part number **MXAP-S3F-R3/Q**, this component belongs to a specific family of high-performance board-to-board or board-to-FPC (Flexible Printed Circuit) connectors, often used in mobile devices and compact electronics.
Below is a breakdown of its technical characteristics and electronic properties.
### 1. General Specifications
These connectors are designed for high-density mounting where space is limited but high signal integrity is required.
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Connector Type** | Board-to-FPC / Board-to-Board Receptacle |
| **Pitch** | 0.35mm to 0.4mm (Fine Pitch) |
| **Stacking Height** | 0.6mm to 1.0mm (Ultra-low profile) |
| **Contact Material** | Copper Alloy with Gold Plating |
| **Housing Material** | LCP (Liquid Crystal Polymer) - Heat resistant |
---
### 2. Key Electronic Parts & Features
#### A. Contact Design (The S3F Series)
* **Dual Contact Points:** The "S3F" designation typically refers to a contact structure that ensures electrical stability even under vibration or drop impacts.
* **Wiping Effect:** When the plug and receptacle mate, the contacts "wipe" across each other to remove surface oxidation, ensuring low contact resistance.
#### B. Power and Signal Integrity
* **Current Rating:** Usually rated for **0.3A per pin** for signal pins. Some variants include dedicated power pins capable of up to **3.0A**.
* **Voltage Rating:** Typically **50V AC/DC**.
* **Insulation Resistance:** Minimum of **100MΩ** to prevent cross-talk between high-density pins.
#### C. Mechanical Structure (The R3/Q suffix)
* **Retention Force:** The "R" often signifies a reinforced locking mechanism or high retention force to prevent accidental disconnection.
* **Shielding (Q-type):** The "/Q" suffix often denotes specific packaging (like high-volume embossed tape) or a specific EMI shielding configuration to protect high-frequency signals from interference.
---
### 3. Common Applications
Due to the miniaturized nature of the **MXAP** series, they are predominantly found in:
1. **Smartphones:** Connecting the main PCB to the display, battery, or camera module.
2. **Wearables:** Smartwatches and fitness trackers where internal volume is extremely restricted.
3. **Medical Devices:** Handheld diagnostic tools requiring high-density interconnects.
---
### 4. Mounting Example (Simplified)
These parts are Surface Mount Devices (SMD). Below is a conceptual representation of the footprint logic:
```markdown
[ Top View Pinout ]
___________________
| [1] [3] [5] [7] | <-- Signal Pins (0.35mm pitch)
| |
| [2] [4] [6] [8] |
-------------------
^ Retention Solder Tabs (GND)
```
- ⤷
What is the exact mating plug part number for the MXAP-S3F-R3/Q?
- ⤷ Does this connector support high-speed data protocols like USB 3.2 or MIPI?
- ⤷ What are the recommended reflow soldering temperature profiles for LCP connectors?