AI

The **MXLCF-S1Z1-R** is a specialized high-performance connector part, typically associated with high-speed data transmission and coaxial connections. Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Overview
This component is part of a series often used in automotive and industrial electronics, specifically designed for **Fakra** or **HSD (High-Speed Data)** applications. These connectors are engineered to handle high frequencies while maintaining signal integrity in harsh environments.
### 2. Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Connector Type** | High-Speed Data (HSD) / LVDS Connector |
| **Configuration** | Quad-core (4-pin) or Coaxial depending on specific housing |
| **Orientation** | Right-Angle (R designation usually implies Right-Angle) |
| **Impedance** | 100 Ohms (Standard for HSD/Differential signaling) |
| **Frequency Range** | DC to 6 GHz (Application dependent) |
| **Mounting Type** | Through-hole or SMT (PCB Mount) |
### 3. Key Electronic Characteristics
* **Signal Integrity:** Designed to minimize crosstalk and electromagnetic interference (EMI). The "S1Z1" coding often refers to the specific mechanical keying (Type Z) which is universal and fits all other keying codes.
* **Shielding:** Features a robust metallic shield to ensure 360° EMI protection, which is critical for LVDS (Low-Voltage Differential Signaling) used in vehicle cameras and infotainment displays.
* **Durability:** Built to withstand high-vibration environments, typically meeting automotive standards (like USCAR).
### 4. Application Areas
1. **Automotive:** LVDS camera systems, Infotainment head units, and digital instrument clusters.
2. **Industrial:** High-speed machine vision and automated sensory data transmission.
3. **Consumer Tech:** High-end display interfaces requiring secure, locking connections.
### 5. Pinout Example (Standard HSD)
```json
{
"Pin 1": "Signal + (Pair A)",
"Pin 2": "Signal - (Pair A)",
"Pin 3": "Signal + (Pair B)",
"Pin 4": "Signal - (Pair B)",
"Shield": "GND / Outer Case"
}
```
---
- ⤷What is the difference between Type Z and other keying codes for this connector?
- ⤷ Which PCB footprint is recommended for the MXLCF-S1Z1-R?
- ⤷ What are the maximum current and voltage ratings for this component?