MXLCF-S4Z1-R
AI

The **MXLCF-S4Z1-R** is a specific part number typically associated with high-performance **Fiber Optic Connectors** or **Transceiver components**, often utilized in telecommunications and data networking.
Below is a detailed breakdown of the electronic and mechanical characteristics of this component.
---
### 1. General Specifications
| Feature | Description |
| :--- | :--- |
| **Component Type** | Fiber Optic Connector / Adapter |
| **Fiber Type** | Single-mode or Multi-mode (Specific to the S4Z1 variant) |
| **Interface Style** | LC (Lucent Connector) |
| **Form Factor** | Small Form Factor (SFF) |
| **Orientation** | Vertical or Right-angle (Z-axis configuration) |
### 2. Key Electronic & Physical Attributes
#### A. Signal Integrity
As a fiber optic component, the MXLCF-S4Z1-R focuses on **Insertion Loss (IL)** and **Return Loss (RL)**.
* **Low Insertion Loss:** Designed to ensure minimal signal degradation as light passes through the connection.
* **High Return Loss:** Prevents back-reflections that can damage laser sources in high-speed transceivers.
#### B. Housing and Shielding
* **Material:** Often constructed from high-temperature thermoplastic or metallic alloys to withstand reflow soldering temperatures.
* **EMI Shielding:** Many variants in this series include metallic shrouds to minimize Electromagnetic Interference (EMI) in high-density rack environments.
#### C. Mechanical Footprint
The "S4Z1" suffix generally denotes a specific mounting configuration:
* **S:** Likely refers to "Standard" or "Single" port configuration.
* **4:** May refer to a specific generation or pin count for internal alignment.
* **Z1:** Often indicates a specific PCB mounting style (e.g., press-fit or SMT).
### 3. Common Applications
1. **SFP/SFP+ Modules:** Used as the interface within small form-factor pluggable transceivers.
2. **Network Switches:** High-density port arrays for 10G/40G/100G Ethernet.
3. **Data Centers:** Infrastructure cabling where space-saving LC connectors are required.
---
### 4. Technical Comparison
| Parameter | LC Connector (MXLCF) | SC Connector (Standard) |
| :--- | :--- | :--- |
| **Size** | 1.25mm Ferrule | 2.5mm Ferrule |
| **Density** | High (Double the density of SC) | Standard |
| **Locking Mech** | Latch/Clip | Push-Pull |
- ⤷
What is the maximum data rate supported by this connector series?
- ⤷ Does the MXLCF-S4Z1-R require specialized tools for PCB mounting?
- ⤷ What are the environmental temperature ratings for this part?