Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • MXP-038SD

  • AI
    The **MXP-038SD** is a specialized electronic component, typically categorized as a **Surface Mount Device (SMD) Crystal Oscillator** or a high-precision frequency control component. These parts are fundamental in timing circuits, providing the "heartbeat" for microprocessors and communication modules. --- ## 1. Technical Specifications Below are the general technical parameters associated with the MXP-038SD series: | Parameter | Typical Value / Range | | :--- | :--- | | **Component Type** | Crystal Oscillator / SMD Resonator | | **Package Type** | Surface Mount (SMD) | | **Frequency Range** | Usually 38.4 MHz (common for SD series) | | **Operating Voltage** | 1.8V to 3.3V (standard) | | **Frequency Stability** | ±10 ppm to ±50 ppm | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Load Capacitance** | 7pF to 12pF | --- ## 2. Key Electronic Features The "SD" suffix in the part number often indicates specific structural or performance characteristics: * **Miniaturization:** Designed with a small footprint to fit into compact PCB designs like smartphones or IoT devices. * **Low Phase Noise:** Vital for wireless communication to ensure signal clarity and reduce interference. * **Hermetic Sealing:** Usually utilizes a seam-welded metal lid or a glass seal to protect the quartz crystal from environmental humidity and oxidation. * **Low Power Consumption:** Optimized for battery-operated devices, drawing minimal current during operation. --- ## 3. Circuit Integration When integrating the MXP-038SD into a PCB layout, engineers must consider the following: ### Typical Connection Diagram ```cpp // Representing the logic connection for a 4-pin Oscillator [Pin 1: Enable/Disable or NC] ---- [Control Logic] [Pin 2: Ground] ---- [System GND] [Pin 3: Output] ---- [MCU Clock Input] [Pin 4: VCC] ---- [Decoupling Capacitor (0.1uF) to GND] ``` ### Layout Best Practices 1. **Keep Traces Short:** Minimize the distance between the oscillator and the MCU to reduce EMI (Electromagnetic Interference). 2. **Guard Ring:** Place a ground copper trace around the crystal area to isolate it from high-speed digital signals. 3. **No Signal Routing Underneath:** Avoid routing signal traces on the layers directly beneath the oscillator to prevent noise coupling. --- ## 4. Common Applications Due to its precision and form factor, the MXP-038SD is frequently found in: * **Wearable Electronics:** Smartwatches and fitness trackers. * **Wireless Modules:** Bluetooth Low Energy (BLE), Wi-Fi, and Zigbee chipsets. * **Telecommunications:** Reference clocks for mobile base stations or GPS receivers.
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint dimensions (mm) for the MXP-038SD package?
    • ⤷ How does frequency stability affect the performance of wireless communication modules?
    • ⤷ Can you provide a comparison between this SMD crystal and a standard through-hole oscillator?