AI

The **MZS-1A2-R** is a specific model of a **Miniature Magnetic Reed Switch**. These components are widely used in sensing applications where non-contact detection of a magnetic field is required.
---
### 1. Technical Specifications
The "1A2" typically denotes the contact form and power rating, while "R" often refers to the sensitivity range or packaging type (Standard Rhodium contacts).
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Contact Form** | Form A (SPST-NO - Normally Open) |
| **Switching Power** | Max 10W |
| **Switching Voltage** | Max 100V DC / 125V AC |
| **Switching Current** | Max 0.5A |
| **Carry Current** | Max 1.0A |
| **Contact Resistance** | < 100 mΩ |
| **Sensitivity Range** | 10-15 AT (Ampere Turns) or 15-20 AT |
---
### 2. Internal Construction
A reed switch consists of two ferromagnetic blades (reeds) hermetically sealed in a glass envelope.
* **Glass Tube:** Provides a protective environment, usually filled with an inert gas (like Nitrogen) to prevent oxidation of the contacts.
* **The Reeds:** Made of a nickel-iron alloy. In the MZS-1A2-R, these are plated with **Rhodium** or Ruthenium to ensure long life and low contact resistance.
* **Operation:** When a magnetic field (from a permanent magnet or an electromagnet) approaches the switch, the reeds become polarized and attract each other, closing the circuit.
---
### 3. Key Features
* **Hermetically Sealed:** Because the contacts are sealed in glass, they are immune to dust, moisture, and corrosion. This makes them ideal for explosive or harsh environments.
* **Passive Component:** It requires no power to operate; it is actuated solely by an external magnetic field.
* **High Reliability:** Capable of millions of switching cycles due to the lack of mechanical wear parts (other than the flexing of the metal reeds).
* **Compact Size:** The "MZS" series is designed for high-density PCB mounting or small sensor housings.
---
### 4. Common Applications
The MZS-1A2-R is commonly found in:
1. **Security Systems:** Door and window sensors.
2. **Automotive:** Fluid level sensors (brake fluid, coolant) and seatbelt buckles.
3. **Industrial:** Limit switches for pneumatic cylinders or proximity sensing.
4. **Consumer Electronics:** Laptop "lid closed" detection and smart water meters.
---
### 5. Installation Note
When soldering or bending the leads of the MZS-1A2-R, extreme care must be taken. The glass-to-metal seal is fragile; if the glass cracks, the inert gas escapes, and the switch will fail prematurely due to oxidation.
- ⤷What is the difference between Form A and Form C reed switches?
- ⤷ How do I calculate the distance required for a magnet to trigger this switch?
- ⤷ What are the advantages of Rhodium plating over Gold in reed contacts?