MZS-1AE-R
AI

The **MZS-1AE-R** is an electronic component primarily classified as a **Magnetic Sensor** (specifically a proximity sensor or reed switch assembly) often used in industrial automation, pneumatic cylinder position sensing, and security systems.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. General Specifications
The MZS series is typically designed for integration with pneumatic actuators to detect the piston's position via a magnetic field.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Sensor Type** | Magnetic Reed Switch / Proximity |
| **Output Type** | SPST (Single Pole Single Throw), Normally Open (NO) |
| **Operating Voltage** | 5V to 240V AC/DC |
| **Switching Current** | 100mA Max |
| **Contact Rating** | 10W Max |
| **Response Time** | < 1.0 ms |
| **Indicator** | Red LED (Standard on most models) |
---
### 2. Internal Components & Working Principle
The "Electronic parts" inside the MZS-1AE-R consist of a few key elements:
* **Reed Switch:** A glass envelope containing two ferromagnetic blades. When a magnet (attached to a cylinder piston) comes near, the blades pull together to close the circuit.
* **Protection Circuit:** Often includes a **Varistor** or **Zener Diode** to protect the contacts against voltage spikes (EMF) generated by inductive loads.
* **LED Indicator:** A low-power Light Emitting Diode wired in series/parallel with a resistor to provide visual confirmation when the switch is closed.
* **Encapsulation:** The internal circuitry is potted in epoxy resin to provide IP67-rated protection against moisture and vibration.
---
### 3. Wiring Configuration
The MZS-1AE-R is generally a **2-wire** device. Because it is a mechanical reed contact, it can handle both AC and DC, though polarity matters for the LED functionality.
| Wire Color | Connection |
| :--- | :--- |
| **Brown** | Positive (+) / Line |
| **Blue** | Negative (-) / Neutral / Load |
> **Note:** Always use a load in series. Connecting the sensor directly across a power supply without a load will cause an immediate short circuit and destroy the reed contact.
---
### 4. Key Advantages
1. **Versatility:** Works with both AC and DC power supplies.
2. **Zero Standby Current:** Since it is a mechanical contact, it consumes no power when the switch is open.
3. **Durability:** The "R" suffix often denotes specific mounting or reinforcement styles for rugged environments.
---
- ⤷
What is the maximum switching frequency for the MZS-1AE-R?
- ⤷ Can this sensor be used with a PLC input module?
- ⤷ What is the difference between the MZS and the MZT series sensors?