Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • N32905R2DN

  • AI
    ## Overview of the N32905R2DN The **N32905R2DN** is a high-performance Microprocessor Unit (MPU) developed by **Nuvoton Technology**. It belongs to the N329 series, which is specifically designed for multimedia applications, human-machine interfaces (HMI), and cost-effective embedded systems. The standout feature of this chip is its **System-in-Package (SiP)** design, which integrates the processor and memory into a single physical chip to save board space and simplify circuit design. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Core** | ARM926EJ-S | | **Clock Speed** | Up to 200 MHz | | **Internal RAM** | 32 MB DDR SDRAM (Stacked) | | **Operating Voltage** | 1.2V (Core), 3.3V (I/O) | | **Package** | LQFP-128 | | **Video Engine** | JPEG Codec, CMOS Sensor Interface | --- ### Major Electronic Subsystems The N32905R2DN is divided into several functional blocks that manage processing, memory, and peripheral communication: #### 1. The Processing Core (ARM926EJ-S) - **Architecture:** 32-bit RISC processor. - **Instruction Set:** Supports DSP extensions and Jazelle (Java acceleration). - **Cache:** Includes Instruction Cache and Data Cache to reduce latency when accessing external resources. #### 2. Stacked Memory (SiP) Unlike traditional microcontrollers that require external RAM chips, the N32905R2DN has **32MB of DDR memory** inside the package. - **Benefit:** Reduces Electromagnetic Interference (EMI) and simplifies PCB routing. - **Benefit:** Lowers the overall Bill of Materials (BOM) cost. #### 3. Video and Image Processing This chip is optimized for visual tasks: - **JPEG Codec:** Hardware-based encoder/decoder for fast image processing. - **CMOS Sensor Interface:** Directly connects to camera modules for capturing video or stills. - **2D Graphics Engine:** Accelerates UI rendering, supporting transparency and alpha blending. #### 4. Connectivity and Peripherals The MPU provides a wide array of interfaces for interacting with other electronic components: - **USB 2.0 High Speed:** Supports both Host and Device modes. - **Storage:** SD/SDIO/MMC interface for external memory cards or Wi-Fi modules. - **Audio:** Built-in 10-bit ADC/DAC for microphone input and speaker output. - **Communication:** Standard I2C, SPI, and UART (Serial) ports. --- ### Typical Applications The N32905R2DN is commonly found in electronics that require a balance of low power and graphical capability: 1. **Smart Appliances:** Coffee machines or refrigerators with small LCD screens. 2. **Video Intercoms:** Digital doorbells and security panels. 3. **Educational Toys:** Interactive learning devices with audio-visual feedback. 4. **HMI Terminals:** Industrial control panels. --- ### Power Management Requirements To operate correctly, the N32905R2DN usually requires a dedicated Power Management IC (PMIC) or a series of LDOs/Buck converters to provide: - **1.2V** for the internal logic core. - **1.8V** for the internal DDR memory. - **3.3V** for the I/O pins and peripheral communication.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the N32905 and N32926 models?
    • ⤷ Which operating systems are compatible with the N32905R2DN?
    • ⤷ How does the SiP design impact the PCB layout complexity?