Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • N32905U6DN

  • AI
    ## Overview of the N32905U6DN The **N32905U6DN** is a high-performance, low-cost microprocessor developed by **Nuvoton Technology**. It is part of the N329 series, specifically designed for multimedia applications that require video/audio processing and a small form factor. The core architecture is based on the **ARM926EJ-S** processor, and its defining feature is the integration of stacked DRAM (SiP - System in Package) to save PCB space and reduce EMI. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Processor Core** | ARM926EJ-S | | **Max Frequency** | Up to 200 MHz | | **Internal Memory (SiP)** | 8MB DDR SDRAM | | **Instruction Cache** | 16 KB | | **Data Cache** | 16 KB | | **Operating Voltage** | 1.2V (Core), 3.3V (I/O) | | **Package Type** | LQFP-128 | --- ### 2. Integrated Multimedia Hardware The N32905U6DN is optimized for media handling through dedicated hardware engines, which offload tasks from the main CPU: * **Video Decoder:** Supports hardware-accelerated video playback (H.264, MPEG-4, H.263) at resolutions up to D1 (720x480) at 30fps. * **JPEG Codec:** Independent engine for high-speed image compression and decompression. * **LCD Controller:** Supports up to 8-bit/16-bit/18-bit/24-bit interfaces for TFT-LCD panels. * **Audio Codec:** Built-in 2-channel audio ADC/DAC for direct microphone input and speaker output. --- ### 3. Peripheral Interfaces This chip offers a wide array of connectivity options for embedded systems: * **Connectivity:** * USB 2.0 High-Speed Host & Device. * Dual SD/SDIO/MMC interfaces (for Wi-Fi modules or storage). * **Communication:** * UART, SPI, I2C, and I2S. * PWM (Pulse Width Modulation) for motor or LED control. * **Analog:** * 8-channel 12-bit ADC for touch screen or sensor inputs. --- ### 4. Typical Application Scenarios Due to its integrated DRAM and video capabilities, it is commonly used in: 1. **IP Cameras:** For entry-level security surveillance. 2. **Smart Appliances:** Refrigerators or ovens with small color displays. 3. **Video Intercoms:** Apartment building doorbell systems. 4. **Educational Toys:** Handheld learning devices with screen and sound. --- ### 5. Programming and Development Development for the N32905 typically involves: * **OS Support:** Linux (2.6 or 3.10 kernels) and Non-OS (Bare metal) libraries provided by Nuvoton. * **Boot Options:** Can boot from SPI Flash, NAND Flash, or SD card.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the N32905 and N32926 models?
    • ⤷ Does the N32905U6DN support a Linux operating system?
    • ⤷ What is the benefit of the SiP (System in Package) design used in this chip?