AI

The code **NC-R-NI** typically refers to a specific naming convention used for **Temperature Sensors**, specifically **NTC Thermistors** (Negative Temperature Coefficient).
While naming conventions vary by manufacturer (such as Murata, TDK, or Vishay), this specific string generally breaks down into components defining the physical and electrical characteristics of the part.
---
### Component Breakdown
| Segment | Typical Meaning | Description |
| :--- | :--- | :--- |
| **NC** | **Product Type** | Standard prefix for Negative Temperature Coefficient (NTC) Thermistors. |
| **R** | **Package Type** | Often denotes a "Radial" leaded type or a specific resin-coated disc shape. |
| **NI** | **Termination / Finish** | Indicates **Nickel (Ni)** barrier or finish on the leads/electrodes for better solderability and heat resistance. |
---
### Core Electronic Characteristics
NTC Thermistors like the NC-R-NI series are resistive components whose resistance decreases as the temperature increases.
#### 1. Resistance-Temperature (R-T) Curve
These parts are non-linear. The relationship is governed by the **Steinhart-Hart equation** or the **Beta ($\beta$) Value**.
* **$R_{25}$:** The nominal resistance at 25°C (commonly 10kΩ, 50kΩ, or 100kΩ).
* **B-Constant:** Defines the sensitivity of the material to temperature changes.
#### 2. Physical Construction
* **Material:** Usually made of sintered metal oxide ceramics (Manganese, Nickel, Cobalt).
* **Coating:** Typically epoxy or phenolic resin for environmental protection.
* **Leads:** The "NI" suffix highlights the use of Nickel-plated copper or steel wires to prevent oxidation and ensure stable connections.
---
### Common Applications
NC-R-NI parts are widely used in power supplies and consumer electronics for two primary functions:
1. **Temperature Sensing:** Used in thermostats, battery packs, and fire alarms to monitor ambient or component heat.
2. **Inrush Current Limiting:** When the device is cold, it has high resistance, limiting the initial surge of current. As it warms up due to current flow, its resistance drops, allowing normal operation with minimal power loss.
---
### Technical Specifications Example
If you are looking at a datasheet for this part, you will encounter these parameters:
```json
{
"Part_Series": "NC-R-NI",
"Operating_Temperature": "-40°C to +125°C",
"Tolerance": "±1%, ±5%, or ±10%",
"Thermal_Dissipation_Constant": "The power required to raise the thermistor temperature by 1°C",
"Thermal_Time_Constant": "The time it takes for the sensor to reach 63.2% of a temperature step"
}
```
- ⤷
What is the difference between an NTC and a PTC thermistor?
- ⤷ How do I calculate the temperature based on the resistance of an NC-R-NI part?
- ⤷ What are the common failure modes for radial leaded thermistors?